Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2365DN
Description  3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2365DN Datasheet HTML 1Page - Monolithic Power Systems MP2365DN Datasheet HTML 2Page - Monolithic Power Systems MP2365DN Datasheet HTML 3Page - Monolithic Power Systems MP2365DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2365DN-01A
3A, 28V, 1.4MHz
Step-Down Converter Evaluation Board
EV2365DN-01A Rev. 1.1
www.MonolithicPower.com
1
9/20/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The EV2365DN-01A is an evaluation board for
the MP2365, a 1.4MHz step-down regulator
with a built-in POWER MOSFET.
The MP2365 integrates a 120mΩ MOSFETS
that provides 3A continuous load current over a
wide operating input voltage of 4.75V to 28V.
Current mode control provides fast transient
response and eases loop stabilization. An
adjustable soft-start prevents inrush current at
turn-on.
This device, available in an 8-pin SOIC and
PDIP packages, provides a very compact
system solution with minimal reliance on
external components.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.75 – 28
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
3
A
FEATURES
• 3A Output Current
• Wide 4.75V to 28V Operating Input Range
• Adjustable Output from 0.92V to 21V
• Fully Assembled and Tested
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV2365DN-01A EVALUATION BOARD
(L x W x H) 2.0” x 1.9” x 0.5”
(5.0cm x 4.8 x 1.2cm)
Board Number
MPS IC Number
EV2365DN-01A
MP2365DN
Efficiency Curve
100
90
80
70
60
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
VIN=12V
VOUT=3.3V
VOUT=5V


Similar Part No. - MP2365DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2365DN MPS-MP2365DN Datasheet
390Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
More results

Similar Description - MP2365DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2361DK-00A MPS-EV2361DK-00A Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
EV2364DF-00A MPS-EV2364DF-00A Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com