Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL216IB Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 13Page - Exar Corporation XRT83SL216IB Datasheet HTML 14Page - Exar Corporation XRT83SL216IB Datasheet HTML 15Page - Exar Corporation XRT83SL216IB Datasheet HTML 16Page - Exar Corporation XRT83SL216IB Datasheet HTML 17Page - Exar Corporation XRT83SL216IB Datasheet HTML 18Page - Exar Corporation XRT83SL216IB Datasheet HTML 19Page - Exar Corporation XRT83SL216IB Datasheet HTML 20Page - Exar Corporation XRT83SL216IB Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
XRT83SL216
15
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
1.0
RECEIVE PATH LINE INTERFACE
The receive path consists of 16 independent E1 receivers. The following section describes the complete
receive path from RTIP/RRING inputs to RCLK/RPOS/RNEG outputs. A simplified block diagram of the receive
path is shown in Figure 3.
1.1
Peak Detector/Data Slicer
In the receive path, the line signal is coupled into the RTIP and RRing pins via a 2:1 transformer and are
converted into digital pulses by an equalizer and an adaptive data slicer. Clock and data signals are recovered
from the output of the slicer with the help of a digital PLL that provides excellent jitter accommodation for high
input jitter tolerance.
1.2
Clock and Data Recovery
The receive clock (RCLK) is recovered by the clock and data recovery circuitry. An internal PLL locks on the
incoming data stream and outputs a clock that’s in phase with the incoming signal. In the absence of an
incoming signal, RCLK maintains its timing by using MCLK as its reference. The recovered data can be
updated on either edge of RCLK. By default, data is updated on the rising edge of RCLK. To update data on
the falling edge of RCLK, set RCLKinv to "1" in the appropriate global register. Figure 4 is a timing diagram of
the receive data updated on the rising edge of RCLK. Figure 5 is a timing diagram of the receive data updated
on the falling edge of RCLK. The timing specifications are shown in Table 1.
FIGURE 3. SIMPLIFIED BLOCK DIAGRAM OF THE RECEIVE PATH LINE TERMINATION (RTIP/RRING)
FIGURE 4. RECEIVE DATA UPDATED ON THE RISING EDGE OF RCLK
FIGURE 5. RECEIVE DATA UPDATED ON THE FALLING EDGE OF RCLK
HDB3
Decoder
Rx Jitter
Attenuator
Clock & Data
Recovery
Rx Equalizer &
Peak Detector
RTIP
RRING
RCLK
RPOS
RNEG
RCL K
RP O S
or
RNE G
R
DY
RCL K
R
RCL K
F
R
OH
RCLK
RPOS
or
RNEG
R
DY
RCLK
F
RCLK
R
R
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com