Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL216IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 14Page - Exar Corporation XRT83SL216IB Datasheet HTML 15Page - Exar Corporation XRT83SL216IB Datasheet HTML 16Page - Exar Corporation XRT83SL216IB Datasheet HTML 17Page - Exar Corporation XRT83SL216IB Datasheet HTML 18Page - Exar Corporation XRT83SL216IB Datasheet HTML 19Page - Exar Corporation XRT83SL216IB Datasheet HTML 20Page - Exar Corporation XRT83SL216IB Datasheet HTML 21Page - Exar Corporation XRT83SL216IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
XRT83SL216
16
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.0
NOTE: VDD=3.3V ±5%, TA=25°C, Unless Otherwise Specified
1.3
Receive Sensitivity
To meet short haul requirements, the XRT83SL216 can accept E1 signals that have been attenuated by 11dB
of flat loss in E1 mode. The test configuration for measuring the receive sensitivity is shown in Figure 6.
FIGURE 6. TEST CONFIGURATION FOR MEASURING RECEIVE SENSITIVITY
1.4
General Alarm Detection and Interrupt Generation
The receive path detects RLOS and AIS. These alarms can be individually masked to prevent the alarm from
triggering an interrupt. To enable interrupt generation, the Global Interrupt Enable (GIE) bit must be set "High"
in the appropriate global register. Any time a change in status occurs (if the alarms are enabled), the interrupt
pin will pull "Low" to indicate an alarm has occurred. Once the status registers have been read, the INT pin will
return "High". The status registers are Reset Upon Read (RUR).
NOTE: The interrupt pin is an Open-Drain output that requires a 10k
Ω pull-up resistor.
TABLE 1: TIMING SPECIFICATIONS FOR RCLK/RPOS/RNEG
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
RCLK Duty Cycle
RCDU
45
50
55
%
Receive Data Setup Time
RSU
150
-
-
ns
Receive Data Hold Time
RHO
150
-
-
ns
RCLK to Data Delay
RDY
-
-
40
ns
RCLK Rise Time (10% to 90%)
with 25pF Loading
RCLKR
-
-
40
ns
RCLK Fall Time (90% to 10%)
with 25pF Loading
RCLKF
-
-
40
ns
Ne twork
Analyze r
E1 = PRBS 215 - 1
Exte rnalLoopback
XRT83SL216
16-Channe l
Short Haul LIU
FlatLoss
Tx
Tx
Rx
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com