Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL216IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT83SL216IB
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT83SL216IB Datasheet HTML 31Page - Exar Corporation XRT83SL216IB Datasheet HTML 32Page - Exar Corporation XRT83SL216IB Datasheet HTML 33Page - Exar Corporation XRT83SL216IB Datasheet HTML 34Page - Exar Corporation XRT83SL216IB Datasheet HTML 35Page - Exar Corporation XRT83SL216IB Datasheet HTML 36Page - Exar Corporation XRT83SL216IB Datasheet HTML 37Page - Exar Corporation XRT83SL216IB Datasheet HTML 38Page - Exar Corporation XRT83SL216IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
XRT83SL216
33
REV. 1.0.0
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
D5
ATAOS_n
Automatic Transmit All Ones
If ATAOS_n is selected, an all ones pattern will be transmitted from
TTIP/TRING if the channel experiences an RLOS condition. If
RLOS does not occur, ATAOS_n will remain inactive.
"0" = Disabled
"1" = Enabled
R/W
0
D4
TAOS_n
Transmit All Ones
If TAOS_n is selected, an all ones pattern will be transmitted from
TTIP/TRING if the transmitter is turned on. Remote Loop Back
has priority over TAOS.
"0" = Disabled
"1" = Enabled
R/W
0
D3
RLAM_n
RLOS/AIS Mode Select for channel n
This bit is used to select the industry standard for declaring / clear-
ing RLOS and AIS functionality. See the Receive section of the
Line Interface description.
"0" = ITU G.775
"1" =ETSI300233
R/W
0
D2
TXOE_n
Transmit Output Enable
Upon power up, the tranmitters are tri-stated. This bit is used to
enable the transmitter for this channel if the TxOE pin is pulled
"High". If the TxOE pin is pulled "Low", all 8 transmitters are tri-
stated.
"0" = Transmitter is disabled
"1" = Transmitter is enabled if TxOE pin is pulled "High"
R/W
0
D1
RCLKinv_n
Receiver Clock Invert
This bit is used to invert receive clock update edge with respect to
RPOS/RNEG output data.
"0" =RPOS/RNEG data is updated on the rising edge of RCLK
"1" =RPOS/RNEG data is updated on the falling edge of RCLK.
R/W
0
0
D0
TCLKinv_n
Transmit Clock Invert
This bit is used to invert transmit clock sampling edge with respect
to TPOS/TNEG input data.
"0" =TPOS/TNEG data is sampled on the falling edge of TCLK
"1" =TPOS/TNEG data is sampled on the rising edge of TCLK.
R/W
0
TABLE 11: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (CHANNEL_n, where n = 0:15)
(0X06H, 0X09H, 0X0CH, 0X0FH, 0X12H, 0X15H, 0X18H, 0X1BH, 1EH, 0X21H, 0X24H, 0X27H, 0X2AH, 0X2DH, 0X30H, 0X33H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com