Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1518 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1518
Description  Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1518 Datasheet HTML 1Page - Monolithic Power Systems MP1518 Datasheet HTML 2Page - Monolithic Power Systems MP1518 Datasheet HTML 3Page - Monolithic Power Systems MP1518 Datasheet HTML 4Page - Monolithic Power Systems MP1518 Datasheet HTML 5Page - Monolithic Power Systems MP1518 Datasheet HTML 6Page - Monolithic Power Systems MP1518 Datasheet HTML 7Page - Monolithic Power Systems MP1518 Datasheet HTML 8Page - Monolithic Power Systems MP1518 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP1518 – FIXED FREQUENCY WHITE LED DRIVER
MP1518 Rev. 1.6
www.MonolithicPower.com
6
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
VEN
5V/div.
VOV
5V/div.
IIN
100mA/div.
Startup Waveforms
VIN = 3.6V, 3 LEDs, 20mA
Figure 4—Startup Waveforms
Figure 5 shows the dependence on current limit
versus duty cycle.
500
400
300
200
100
0
0
20406080
100
DUTY CYCLE (%)
Figure 5—Current Limit vs. Duty Cycle
Setting the LED Current
The LED current is controlled by the feedback
resistor, R1, in Figure 6. The current through
the LEDs is given by the equation 104mV/R1.
Table 2 shows the selection of resistors for a
given LED current.
Table 2—ILED vs. R1
ILED (mA)
R1 (Ω)
1
104
5
20.8
10
10.4
15
6.93
20
5.2
Analog and Digital Dimming
There are three different ways to control
dimming for the MP1518 during normal
operation. The first way uses a DC voltage to
control the feedback voltage. This can be seen
in Figure 6. As the DC voltage increases,
current starts flowing down R1, R2 and R3. The
loop will continue to regulate the feedback
voltage to 104mV. Thus the current has to
decrease through the LEDs by the same
amount of current as is being injected from the
DC voltage source. With a VDC from 0V to 2V,
the resistor values shown for R2 and R3 can
control the LED current from 0mA to 20mA.
MP1518
LED1
LED2
LED3
FB
VDC
Figure 6—Dimming Control Using a DC
Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com