Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1518 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1518
Description  Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP1518 Datasheet HTML 1Page - Monolithic Power Systems MP1518 Datasheet HTML 2Page - Monolithic Power Systems MP1518 Datasheet HTML 3Page - Monolithic Power Systems MP1518 Datasheet HTML 4Page - Monolithic Power Systems MP1518 Datasheet HTML 5Page - Monolithic Power Systems MP1518 Datasheet HTML 6Page - Monolithic Power Systems MP1518 Datasheet HTML 7Page - Monolithic Power Systems MP1518 Datasheet HTML 8Page - Monolithic Power Systems MP1518 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP1518 – FIXED FREQUENCY WHITE LED DRIVER
MP1518 Rev. 1.6
www.MonolithicPower.com
7
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
Other applications need to use a logic signal to
do the dimming. This can be seen in Figure 7.
The PWM signal is applied to the EN pin of the
MP1518. The LEDs will switch between full load
to completely shut off. The average current
through the LEDs will increase proportionally to
the duty cycle of the PWM signal. The PWM
signal used in Figure 7 should be 1KHz or
below due to the soft-start function.
PWM
MP1518
LED1
LED2
LED3
FB
EN
Figure 7—PWM Dimming Control Using a
Logic Signal
If the PWM signal is above 1KHz, dimming can
be achieved by using the circuit shown in
Figure 8.
PWM
MP1518
LED1
LED2
LED3
FB
Figure 8— Dimming Control Using a Filtered
PWM Signal
Open Load Protection
Open Load protection will shut off the MP1518
if the output voltage goes too high when the OV
pin is tied to the output. In some cases an LED
may fail, this will result in the feedback voltage
always being zero.
The part will run at maximum duty cycle
boosting the output voltage higher and higher.
By tying the OV pin to the top of the LED string
the MP1518 checks this condition and if the
output ever exceeds 28V the MP1518 will shut
down. The part will not switch again until the
power is recycled. Figure 9 shows the behavior
of the MP1518 into an open load.
VEN
5V/div.
VOV
10V/div.
VSW
10V/div.
Startup Waveforms into
an Open Load
VIN = 3.6V
Figure 9—Startup Waveforms into an Open
Load
Layout Considerations
Careful attention must be paid to the PCB
board layout and component placement. Proper
layout of the high frequency switching path is
critical to prevent noise and electromagnetic
interference
problems.
Due
to
the
high
frequency switching the length and area of all
the traces connected to the switch node should
be minimized. Refer to the evaluation board
EV0056 for a sample layout of the MP1518.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com