Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1518 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1518
Description  Fixed Frequency White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1518 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1518 Datasheet HTML 1Page - Monolithic Power Systems MP1518 Datasheet HTML 2Page - Monolithic Power Systems MP1518 Datasheet HTML 3Page - Monolithic Power Systems MP1518 Datasheet HTML 4Page - Monolithic Power Systems MP1518 Datasheet HTML 5Page - Monolithic Power Systems MP1518 Datasheet HTML 6Page - Monolithic Power Systems MP1518 Datasheet HTML 7Page - Monolithic Power Systems MP1518 Datasheet HTML 8Page - Monolithic Power Systems MP1518 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP1518
Fixed Frequency
White LED Driver
MP1518 Rev. 1.6
www.MonolithicPower.com
1
7/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1518 is a step-up converter designed for
driving up to 6 series white LEDs from a single
cell Lithium Ion battery. The MP1518 uses current
mode, fixed frequency architecture to regulate the
LED current, which is measured through an
external current sense resistor. Its low 104mV
feedback voltage reduces power loss and
improves efficiency. The OV pin monitors the
output voltage and turns off the converter if an
over-voltage condition is present due to an open
circuit condition.
The MP1518 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP1518 is available in small 6-pin TSOT23
or 8-pin QFN (2mm x 2mm) packages.
Also available is the MP1518DJE, ideal for
applications where low EMI is critical.
EVALUATION BOARD REFERENCES
Board Number
Dimensions
EV0056
1.9”X x 1.8”Y x 0.4”Z
EV1518DG-00A
2.0”X x 1.8”Y x 0.4”Z
FEATURES
• On Board Power MOSFET
• Drives up to 6 Series White LEDs
• Up to 87% Efficiency
• Over 1MHz Fixed Switching Frequency
• Open Load Shutdown
• Low 104mV Feedback Voltage
• Soft-Start/PWM Dimming
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in TSOT23-6 and QFN8 Packages
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1518
VIN
5V
LED1
LED2
LED3
LED4
LED5
LED6
EN
IN
EN
GND
OV
FB
SW
88
86
84
82
80
78
76
5
101520
LED CURRENT (mA)
Efficiency vs
LED Current
6 LEDS
3 LEDS
VIN = 3.6V
4 LEDS


Similar Part No. - MP1518

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1518DG MPS-MP1518DG Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518DJ MPS-MP1518DJ Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
More results

Similar Description - MP1518

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
logo
Monolithic Power System...
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com