Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1521 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1521
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1521 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1521 Datasheet HTML 1Page - Monolithic Power Systems MP1521 Datasheet HTML 2Page - Monolithic Power Systems MP1521 Datasheet HTML 3Page - Monolithic Power Systems MP1521 Datasheet HTML 4Page - Monolithic Power Systems MP1521 Datasheet HTML 5Page - Monolithic Power Systems MP1521 Datasheet HTML 6Page - Monolithic Power Systems MP1521 Datasheet HTML 7Page - Monolithic Power Systems MP1521 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7 10/06/04
www.monolithicpower.com
2
Monolithic Power Systems
Absolute Maximum Ratings
Supply Voltage (VIN)
28V
Switch Voltage to GND
-0.5V to 28V
VEN, VREF, VBRT, VFB1, VFB2, VFB3
–0.3V to 6V
Storage Temperature
-55
°C to +150°C
Recommended Operating Conditions
Supply Voltage (VIN)
2.7V to 25V
Operating Temperature
-20
°C to +85°C
Switch Voltage to GND
-0.5V to 25V
Package Thermal Characteristics
Thermal Resistance, ΘJA (MSOP10)
150°C/W
Thermal Resistance, ΘJA (QFN16)
60°C/W
Electrical Characteristics (VIN = 5.0V, TA = 25°C unless specified otherwise)
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (shutdown)
IIN (OFF)
VEN<0.4V
1
3
µA
Supply Current (quiescent)
IIN (ON)
VEN >1.5V, VBRT=0V, VFB=0V
550
700
µA
Minimum Off Time, normal
operation
tOFF (NORMAL)
VEN >1.5V, VBRT =0.6V
VFB =0
400
500
700
nS
Minimum Off Time, start-up
(Note 1)
tOFF (START)
VEN >1.5V, VBRT =0.6V,
VFB =0V
1.5
2.4
µS
UVLO
VIN RISING
2.1
2.6
V
Under Voltage Lockout
VIN FALLING
1.9
2.4
V
Enable
Threshold
0.8
1.0
2.0
V
Hysterisis
60
mV
Leakage Current
VEN=3V
1
µA
Open Load Shutdown
Threshold
Measured at OLS Pin
26
29
V
VOLS=15V
1
µA
Leakage Current
VOLS=25V
45
70
µA
Reference
Output Voltage
IREF=0A
1.20
1.235 1.27
V
Load Regulation
IREF=0 to 100µA
2.5
5
mV
Line Regulation
VIN =3 to 15V, IREF=0A
2.5
5
mV
Feedback Comparator
Threshold
V
BRT =1.2V
380
400
420
mV
Hysterisis (Note 2)
VBRT =1.2V
30
mV
FB Input Bias Current
VFB=0.2V
-150
-50
0
nA
PWM Mode
Output-Off Threshold
0.18
0.26
V
BRT Input Bias
VBRT=0.6V
-100
-30
0
nA
BRT Full Scale Threshold
(Note 3)
1.2
V
Output Switch
Switch On Resistance (Note 2) RON
VIN=5.0V
0.5
0.6
Ω
Switch Current Limit
300
400
mA
Leakage Current
VSW=25V
5
µA
Thermal Shutdown (Note 2)
160
°C
Notes:
1) First 64 pulses after EN switches high.
2) Guaranteed by design.
3) The output current is off when BRT is driven below the output-off threshold and full-scale when driven above the full-scale
threshold. To PWM the output drive BRT above and below these thresholds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com