Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1521 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1521
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1521 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1521 Datasheet HTML 1Page - Monolithic Power Systems MP1521 Datasheet HTML 2Page - Monolithic Power Systems MP1521 Datasheet HTML 3Page - Monolithic Power Systems MP1521 Datasheet HTML 4Page - Monolithic Power Systems MP1521 Datasheet HTML 5Page - Monolithic Power Systems MP1521 Datasheet HTML 6Page - Monolithic Power Systems MP1521 Datasheet HTML 7Page - Monolithic Power Systems MP1521 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7 10/06/04
www.monolithicpower.com
3
Monolithic Power Systems
Pin Description
MSOP10
QFN16
Part Marking: MP1521EK
Part Marking: A1xx
Table 1: MP1521 MSOP10 and QFN16 Pin Assignments
MSOP
Pin #
QFN
Pin#
Pin
Name
Pin Function
1
16
IN
Input supply pin. It can be connected to the regulator’s input supply, or to the
output for boot-strapped operation (boot-strapped operation is required for VIN of
less than 3V).
2
2
EN
Regulator On/Off control input. Logic high (VEN>1V) turns on IC, logic low puts it
into low current shutdown mode. Place a 100K
Ω resistor in series with EN if it is
connected to a voltage greater than 10V.
3
4
REF
1.23V reference used for setting the analog control voltage at BRT input. This
reference can supply up to 200
µA to an external load. Do not connect any
bypass capacitors to this pin. It is internally compensated.
4
5
BRT
Analog or PWM input for controlling LED brightness. When used in analog
mode, apply a DC voltage of 0.3 to 1.2V. This input voltage is attenuated by 1/3
to set the voltage across sense resistors at FB1, FB2, and FB3. Maximum
brightness (20mA) occurs with 1.2V applied. To control brightness in PWM
mode, apply a PWM square wave with a minimum voltage less the 0.18V and a
maximum greater than 1.2V. When a voltage less than 0.18V is applied to this
pin, the output switch is turned off.
The regulator operates at maximum
brightness when more than 1.2V is applied. The frequency of the PWM signal
must be between 100 to 400 Hz.
5
6
7
7
8
9
FB3
FB2
FB1
Feedback input for measuring voltage across current-sense resistor that is in
series with LED string. Unused feedback pins must be connected to any used
feedback pin.
8
10
OLS
Open Load Shutdown pin senses regulator output voltage to protect IC during
open load operation. When this pin’s voltage exceeds 28V, the output switch is
shut off. The output switch remains off until the IC is reset by cycling the enable
pin (EN) or input supply (IN) pin.
9
11, 12
GND
Signal and power ground. Connect directly to ground plane.
10
14
SW
Output switch pin, power DMOS low-side switch.
-
1, 3, 6,
13, 15
N/C
No Connect
SW
GND
OLS
FB1
FB2
IN
EN
REF
BRT
FB3
1
2
3
4
5
10
9
8
7
6
NC
EN
NC
REF
Top
View
GND
GND
OLS
FB1
1
2
3
4
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com