Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1521 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1521
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1521 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1521 Datasheet HTML 1Page - Monolithic Power Systems MP1521 Datasheet HTML 2Page - Monolithic Power Systems MP1521 Datasheet HTML 3Page - Monolithic Power Systems MP1521 Datasheet HTML 4Page - Monolithic Power Systems MP1521 Datasheet HTML 5Page - Monolithic Power Systems MP1521 Datasheet HTML 6Page - Monolithic Power Systems MP1521 Datasheet HTML 7Page - Monolithic Power Systems MP1521 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7 10/06/04
www.monolithicpower.com
4
Monolithic Power Systems
Figure 2: MP1521 Functional Block Diagram
Internal
Regulator
& Enable
Circuit
UVLO &
Thermal
Shutdown
Control
Logic &
Output
Driv er
GND
500nS
One-Shot
Timer
SW
EN
IN
Open Load
Shutdown
Comparator
1.23V
160K
17V
20K
0.25V
Current Limit
Comparator
0.5 W
Power
FET
FB1
Feedback
Comparator
10K
20K
1.2V
FB2
FB3
OLS
REF
Bandgap
Reference
1.23V
BRT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com