Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1531DM Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531DM Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1531DM Datasheet HTML 1Page - Monolithic Power Systems MP1531DM Datasheet HTML 2Page - Monolithic Power Systems MP1531DM Datasheet HTML 3Page - Monolithic Power Systems MP1531DM Datasheet HTML 4Page - Monolithic Power Systems MP1531DM Datasheet HTML 5Page - Monolithic Power Systems MP1531DM Datasheet HTML 6Page - Monolithic Power Systems MP1531DM Datasheet HTML 7Page - Monolithic Power Systems MP1531DM Datasheet HTML 8Page - Monolithic Power Systems MP1531DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
3
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(4) (continued)
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Oscillator
Switching Frequency
fSW
200
250
300
KHz
Maximum Duty Cycle
DM
85
90
%
Soft-Start Period
C4 = 10nF
6
ms
Turn-Off Delay
3
µs
Error Amplifier
Error Amplifier Voltage Gain
AvEA
400
V/V
Error Amplifier Transconductance
GmEA
1000
µA/V
COMP Maximum Output Current
±100
µA
FB1, FB3 Regulation Voltage
1.22
1.25
1.28
V
FB2 Regulation Voltage
–25
0
+25
mV
FB1, FB3 Input Bias Current
VFB1 = VFB3 = 1.25V
±100
nA
FB2 Input Bias Current
VFB2 = 0V
±100
nA
Reference (REF)
REF Regulation Voltage
IREF = 50µA
1.22
1.25
1.28
V
REF Load Regulation
0µA < IREF < 200µA
1
1.2
%
Output Switch (SW)
VIN = 5V
250
mΩ
SW On Resistance
VIN = 3V
400
mΩ
SW Current Limit
ILIM
0.5
0.65
A
SW Leakage Current
VSW = 22V
0.5
1
µA
GL Dropout Voltage
(5)
VGL = –10V, IGL = 10mA
0.15
V
GH Dropout Voltage
(5)
VGH = 20V, IGH = 10mA
0.5
V
GL Leakage Current
VIN2 = –15V, VGL = GND
1
µA
GH Leakage Current
VIN3 = 25V, VGH = GND
1
µA
Thermal Shutdown
160
°C
Notes:
4) Typical values are guaranteed by design, not production tested.
5) Dropout voltage is the input to output differential at which the circuit ceases to regulate against further reduction in input voltage.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 3, unless otherwise noted.
100
90
80
70
60
50
40
30
20
0
100 200 300 400 500 600
LOAD CURRENT (mA)
Efficiency vs Load Current
Delivered by Step-Up Converter
VIN = 3.3V
VMAIN = 5V
VIN = 4.2V
Power-Up Sequencing
VIN =3.3V,VMAIN =5V,IMAIN =100mA,
VGH =15V,IGH =5mA,VGL =-10V,
IGL =5mA
IMAIN
50mA/div
VMAIN
50mV/div
VEN
5V/div
Load Transient
VIN = 3.3V, VMAIN = 5V,
5mA-50mA Step, VGH = 15V,
IGH = 5mA, VGL = -10V, IGL = 5mA
VMAIN
5V/div
VGH
10V/div
VGL
10V/div
10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com