Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1531DM Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531DM Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1531DM Datasheet HTML 4Page - Monolithic Power Systems MP1531DM Datasheet HTML 5Page - Monolithic Power Systems MP1531DM Datasheet HTML 6Page - Monolithic Power Systems MP1531DM Datasheet HTML 7Page - Monolithic Power Systems MP1531DM Datasheet HTML 8Page - Monolithic Power Systems MP1531DM Datasheet HTML 9Page - Monolithic Power Systems MP1531DM Datasheet HTML 10Page - Monolithic Power Systems MP1531DM Datasheet HTML 11Page - Monolithic Power Systems MP1531DM Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
8
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Selecting the Inductor
The inductor is required to force the higher
output voltage while being driven by the input
voltage. A larger value inductor results in less
ripple current that results in lower peak inductor
current. However, the larger value inductor has
a larger physical size, higher series resistance,
lower saturation current for a given package
size.
Choose an inductor that does not saturate at
heavy load transients and start-up conditions. A
good rule for determining the inductance is to
allow the peak-to-peak ripple current to be
approximately 30-50% of the maximum input
current. Make sure that the peak inductor
current is below the device current limit to
prevent loss of regulation. Calculate the
required inductance value by the equation:
()
I
f
V
V
V
V
1
L
SW
MAIN
IN
MAIN
IN
∆
×
×
−
=
Where VIN is the input voltage, fSW is the
switching frequency, and ∆I is the peak-to-peak
inductor ripple current.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor, while limiting noise
at the input source. A low ESR capacitor is
required to keep the noise at the IC to a minimum.
Since it absorbs the input switching current it
requires an adequate ripple current rating. Use a
capacitor with RMS current rating greater than the
inductor ripple current (see Selecting The Inductor
to determine the inductor ripple current). The
input capacitor in Figure 3 is necessary in most
lab setups, but can be reduced in typical
application circuits if the source impedance is
lower.
MP1531
SW
FB1
IN
CT
PGND
GND
FB3
GH
IN3
REF
EN
COMP
RDY
RDY
IN2
GL
FB2
VGL
-10V
C9
56pF
C3
10nF
C4
10nF
D1
B0530W
VIN
2.7V to 4.2V
VMAIN
5V
VGH
15V
C7
56pF
D2
BAS40-04-7
D3
BAS40-04-7
D4
BAS40-04-7
SW
D5
BAS40-04-7
D7
BAS40-04-7
D6
BAS40-04-7
OFF ON
Figure 3—Triple Output Boost Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com