Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1531DM Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531DM Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1531DM Datasheet HTML 4Page - Monolithic Power Systems MP1531DM Datasheet HTML 5Page - Monolithic Power Systems MP1531DM Datasheet HTML 6Page - Monolithic Power Systems MP1531DM Datasheet HTML 7Page - Monolithic Power Systems MP1531DM Datasheet HTML 8Page - Monolithic Power Systems MP1531DM Datasheet HTML 9Page - Monolithic Power Systems MP1531DM Datasheet HTML 10Page - Monolithic Power Systems MP1531DM Datasheet HTML 11Page - Monolithic Power Systems MP1531DM Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
10
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The output filter zero is given in hertz by:
2
C
R
2
1
f
ESR
FILTERZERO
×
×
π
×
=
Where RESR is the equivalent series resistance
of the output capacitor.
With all boost regulators the right half plane
zero (RHPZ) is given in hertz by:
1
L
I
2
V
V
V
f
LOAD
MAIN
2
MAIN
IN
RHPZ
×
×
π
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Error Amplifier Compensation
To stabilize the feedback loop dynamics the
error amplifier compensation is as follows:
3
C
10
2
1
f
6
1
POLE
×
×
π
×
≈
3
C
3
R
2
1
f
1
ZERO
×
×
π
=
Where R3 and C3 are part of the compensation
network in Figure 3. A good start is 5.6kΩ and
10nF. This combination gives about 70° of
phase margin and bandwidth of about 35KHz
for most load conditions. Increasing R3 and/or
reducing C3 increases the loop bandwidth and
improves the load transient.
Linear Regulator Compensation
The positive or negative regulated voltages of
two linear regulators are controlled by a
transconductance amplifier and a P-channel or
N-Channel pass transistor respectively. The DC
gain of either LDO is approximately 100dB with
a slight dependency on load current. The output
capacitor (CLDO) and resistance load (RLOAD)
make-up the dominant pole.
LDO
LOAD
1
LDOPOLE
C
R
2
1
f
×
×
π
×
=
The pass transistor’s internal pole is about
10Hz to 30Hz. To compensate for the two pole
system and add more phase and gain margin, a
lead-lag
resistor
capacitor
network
is
necessary.
For the positive linear regulator:
() 7
C
8
R
||
9
R
10
R
2
1
f
1
POSPOLE
×
+
×
π
×
=
() 7
C
9
R
10
R
2
1
f
1
POSZERO
×
+
×
π
×
=
For the negative linear regulator:
() 9
C
5
R
||
7
R
6
R
2
1
f
1
NEGPOLE
×
+
×
π
×
=
() 9
C
7
R
6
R
2
1
f
1
NEGZERO
×
+
×
π
×
=
fPOSPOLE1 and fNEGPOLE1 are necessary to cancel
out the zero created by the equivalent series
resistance (RLDOESR) of the output capacitor.
LDO
LDOESR
LDOZERO
C
R
2
1
f
×
×
π
×
=
For component values shown in Figure 3 a 10Ω
and 56pF RC network gives about 45° of phase
margin and a bandwidth of about 35KHz on
both regulators.
Layout Considerations
Careful PC board layout is important to
minimize ground bounce and noise. First, place
the main boost converter inductor, output diode
and output capacitor as close to the SW and
PGND pins as possible with wide traces. Then
place ceramic bypass capacitors near IN, IN2
and IN3 pins to the PGND pin. Keep the
charge-pump circuitry close to the IC with wide
traces. Locate all FB resistive dividers as close
to their respective FB pins as possible.
Separate GND and PGND areas and connect
them at one point as close to the IC as
possible. Avoid having sensitive traces near the
SW node and high current lines. Refer to the
MP1531 demo board for an example of proper
board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com