Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2000 Datasheet HTML 1Page - Monolithic Power Systems MP2000 Datasheet HTML 2Page - Monolithic Power Systems MP2000 Datasheet HTML 3Page - Monolithic Power Systems MP2000 Datasheet HTML 4Page - Monolithic Power Systems MP2000 Datasheet HTML 5Page - Monolithic Power Systems MP2000 Datasheet HTML 6Page - Monolithic Power Systems MP2000 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
MP2000 Rev. 0.93
www.MonolithicPower.com
5
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 1.8V, VOUT = 1.2V, C1 = 2.2µF, C2 = 0.1µF, C3 = 4.7µF, TA = +25°C unless otherwise noted.
VEN
5V/div.
IO
100mA/div.
1ms/div.
MP2000-TPC07
Startup
VIN = 5V, IOUT = 130mA
MP2000-TPC08
Shutdown
VIN = 5V, IOUT = 130mA
VIN
5V/div.
IO
200mA/div.
1ms/div.
MP2000-TPC09
Current Limit
Protection
VIN = 5V, EN = 0V, IOUT = 90mA
1ms/div.
MP2000-TPC10
Power Ramp Up
VIN = 5V, EN = 0V, IOUT = 130mA
VOUT
1V/div.
VOUT
5V/div.
VIN
5V/div.
IO
200mA/div.
VOUT
5V/div.
VEN
5V/div.
IO
100mA/div.
VOUT
1V/div.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com