Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP2000 Datasheet HTML 1Page - Monolithic Power Systems MP2000 Datasheet HTML 2Page - Monolithic Power Systems MP2000 Datasheet HTML 3Page - Monolithic Power Systems MP2000 Datasheet HTML 4Page - Monolithic Power Systems MP2000 Datasheet HTML 5Page - Monolithic Power Systems MP2000 Datasheet HTML 6Page - Monolithic Power Systems MP2000 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
NOTICE
: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2000 Rev. 0.93
www.MonolithicPower.com
7
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
TSOT23-5
Gauge Plane
0.25 BSC.
±0.10
-
+
0.400
0°
0°
4°
(2 plcs)
10°TYP.
2.90 BSC
(5 PLCS)
0.300(Min)
L
C
TYP.
0.950
L
C
TYP.
0.950
3
0.500(Max)
SEATING PLANE
0.00-0.10
0.127 TYP.
(2 plcs)
10° TYP.
4. The footlength measuring is based on the
3. Dimensions are exclusive of mold flash and gate burr.
2. Die is facing up for mold. Die is facing
1. Dimensions and tolerances are as per ANSI
down for trim/form, ie. reverse trim/form.
gauge plane method.
Y14.5M, 1994.
NOTE:
5. All specification comply to Jedec Spec MO193 Issue C.
Dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com