Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2000 Datasheet HTML 1Page - Monolithic Power Systems MP2000 Datasheet HTML 2Page - Monolithic Power Systems MP2000 Datasheet HTML 3Page - Monolithic Power Systems MP2000 Datasheet HTML 4Page - Monolithic Power Systems MP2000 Datasheet HTML 5Page - Monolithic Power Systems MP2000 Datasheet HTML 6Page - Monolithic Power Systems MP2000 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
MP2000 Rev. 0.93
www.MonolithicPower.com
6
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
The MP2000 is a low-current, low-voltage,
low-dropout linear regulator. It is intended for
use in devices that require very low voltage and
low quiescent current power such as wireless
modems, pagers and cellular phones.
The MP2000 uses a PNP pass element and
features internal thermal shutdown and an
internal current limit circuit.
MP2000_F01_BD01
VIN
VEN
COUT
CBYP
R1
R2
VOUT
--
+
BANDGAP
REFERENCE
& CONTROL
OCP
EA
VFB
EXTERNAL
RESISTOR
DIVIDER
1
3
2
4
5
Figure 1—Adjustable Regulator
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage can be adjusted by
changing the values of the external resistor
divider.
Use the following equation to determine these
values:
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
2
R
1
R
1
V
5
.
0
VOUT
Typically R1 + R2 are recommended to be less
than 100kΩ.
In Figure 2, C2 is added for improved transient
response.
TYPICAL APPLICATION CIRCUIT - ADJUSTABLE
MP2000_F02_TAC01
MP2000-ADJ
FB
OUT
4
5
GND
2
EN
IN
3
1
OUTPUT
1.2V
VIN
1.35V to 6.0V
VIN
C2
100nF
Figure 2—Typical Application Circuit with VOUT = 1.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com