Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2108 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2108
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2108 Datasheet HTML 1Page - Monolithic Power Systems MP2108 Datasheet HTML 2Page - Monolithic Power Systems MP2108 Datasheet HTML 3Page - Monolithic Power Systems MP2108 Datasheet HTML 4Page - Monolithic Power Systems MP2108 Datasheet HTML 5Page - Monolithic Power Systems MP2108 Datasheet HTML 6Page - Monolithic Power Systems MP2108 Datasheet HTML 7Page - Monolithic Power Systems MP2108 Datasheet HTML 8Page - Monolithic Power Systems MP2108 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2108 – 2A, 6V, 740KHz SYNCHRONOUS BUCK CONVERTER
MP2108 Rev 1.1
www.MonolithicPower.com
2
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
BST
VIN
LX
PGND
SGND
1
2
3
4
5
10
9
8
7
6
RUN
VREF
COMP
FB
SS
TOP VIEW
Part Number*
Package
Temperature
MP2108DK
MSOP10
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2108DK–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP2108DK–LF–Z)
TOP VIEW
BST
VIN
LX
PGND
SGND
1
2
3
4
5
RUN
VREF
COMP
FB
SS
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
Part Number**
Package***
Temperature
MP2108DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
**
***
For Tape & Reel, add suffix –Z (eg. MP2108DQ–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP2108DQ–LF–Z)
Recommended for output currents higher than 1.5A
ABSOLUTE MAXIMUM RATINGS
(1)
Input Supply Voltage VIN ............................. 6.5V
LX Voltage VLX ..................... –0.3V to VIN + 0.3V
BST to LX Voltage .........................–0.3V to +6V
Voltage on All Other Pins............... –0.3V to +6V
Storage Temperature...............–55
°C to +150°C
Recommended Operating Conditions
(2)
Input Supply Voltage VIN ...................... 2.6V to 6
Output Voltage VOUT...........................0.9V to 5V
Operating Temperature..............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
MSOP10 ................................ 150 ..... 65...
°C/W
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
2.6
6
V
Input Undervoltage Lockout
2.2
V
Input Undervoltage Lockout
Hysteresis
100
mV
Shutdown Supply Current
VRUN ≤ 0.3V
0.5
1.0
µA
Operating Supply Current
VRUN > 2V, VFB = 1.1V
1.2
1.8
mA
VREF Voltage
VREF
VIN = 2.6V to 6V
2.4
V
RUN Input Low Voltage
VIL
0.4
V
RUN Input High Voltage
VHL
1.5
V
RUN Hysteresis
100
mV
RUN Input Bias Current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com