Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2108 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2108
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2108 Datasheet HTML 1Page - Monolithic Power Systems MP2108 Datasheet HTML 2Page - Monolithic Power Systems MP2108 Datasheet HTML 3Page - Monolithic Power Systems MP2108 Datasheet HTML 4Page - Monolithic Power Systems MP2108 Datasheet HTML 5Page - Monolithic Power Systems MP2108 Datasheet HTML 6Page - Monolithic Power Systems MP2108 Datasheet HTML 7Page - Monolithic Power Systems MP2108 Datasheet HTML 8Page - Monolithic Power Systems MP2108 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2108
2A, 6V, 740KHz
Synchronous Buck Converter
MP2108 Rev 1.1
www.MonolithicPower.com
1
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2108 is a 2A, 740KHz synchronous
buck converter designed for low voltage
applications requiring high efficiency. It is
capable of providing output voltages as low as
0.9V, and integrates top and bottom switches to
minimize power loss and component count. The
740KHz switching frequency allows for small
filtering components, further reducing the
solution size.
The MP2108 includes cycle-by-cycle current
limiting and under voltage lockout. Internal
power switches, combined with the tiny 10-pin
MSOP or 3mm x 3mm QFN packages, provide
a solution requiring a minimum of board space.
QFN package is recommended if output current
is higher than 1.5A.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2108DQ/DK-00A
2.5”X x 2.0”Y x 0.5”Z
FEATURES
• 2A Output Current
• Synchronous Rectification
• Internal 160mΩ and 190mΩ Power Switches
• Input Range of 2.6V to 6V
• Over 95% Efficiency
• Under Voltage Lockout Protection
• Soft-Start Operation
• Thermal Shutdown
• Internal Current Limit (Source & Sink)
• Tiny 10-Pin MSOP and 3x3 QFN Packages
APPLICATIONS
• SOHO Routers, PCMCIA Cards, Mini PCI
• Handheld Computers, PDAs
• Cell phones, Digital Still and Video Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2108
LX
VIN
BST
1
3
7
4
5
9
8
6
10
2
FB
COMP
SS
PGND
SGND
VREF
RUN
OUTPUT
2.5V / 2A
INPUT
2.6V to 6V
OFF ON
10nF
10nF
2.2nF
10nF
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
LOAD CURRENT (A)
VOUT=2.5V
VOUT=1.2V
VIN=3.3V


Similar Part No. - MP2108

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108DK MPS-MP2108DK Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108DK MPS-MP2108DK Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108DQ MPS-MP2108DQ Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108DQ MPS-MP2108DQ Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
More results

Similar Description - MP2108

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com