Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2108 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2108
Description  2A, 6V, 740KHz Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2108 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2108 Datasheet HTML 4Page - Monolithic Power Systems MP2108 Datasheet HTML 5Page - Monolithic Power Systems MP2108 Datasheet HTML 6Page - Monolithic Power Systems MP2108 Datasheet HTML 7Page - Monolithic Power Systems MP2108 Datasheet HTML 8Page - Monolithic Power Systems MP2108 Datasheet HTML 9Page - Monolithic Power Systems MP2108 Datasheet HTML 10Page - Monolithic Power Systems MP2108 Datasheet HTML 11Page - Monolithic Power Systems MP2108 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP2108 – 2A, 6V, 740KHz SYNCHRONOUS BUCK CONVERTER
MP2108 Rev 1.1
www.MonolithicPower.com
8
10/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
rate as the voltage at SS, forcing a linear
output voltage ramp from 0V to the desired
regulation voltage during soft-start.
The soft-start period is determined by the
equation:
5
C
45
.
0
tSS
×
=
Where C5 (in nF) is the soft-start capacitor from
SS to GND, and tSS (in ms) is the soft-start
period. Determine the capacitor required for a
given soft-start period by the equation:
SS
t
22
.
2
5
C
×
=
Use values for C5 between 10nF and 22nF to
set the soft-start period between 4ms and
10ms.
Setting the Output Voltage (see Figure 2)
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops
the output voltage to the 0.9V feedback voltage.
Use 10kΩ for the low-side resistor of the
voltage divider. Determine the high-side resistor
by the equation:
1
R
1
V
9
.
0
V
2
R
OUT
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Where R2 is the high-side resistor, R1 is the
low-side resistor and VOUT is the output voltage.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, so a capacitor is required to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. A low ESR capacitor is required to
keep the noise at the IC to a minimum. Ceramic
capacitors are preferred, but tantalum or low
ESR electrolytic capacitors are also an option.
The capacitor can be electrolytic, tantalum or
ceramic. Because it absorbs the input switching
current, it must have an adequate ripple current
rating. Use a capacitor with RMS current rating
greater than 1/2 of the DC load current.
For stable operation, place the input capacitor
as close to the IC as possible. A smaller high
quality 0.1µF ceramic capacitor may be placed
closer to the IC with the larger capacitor placed
further away.
If using this technique, it is recommended that
the larger capacitor be a tantalum or electrolytic
type. All ceramic capacitors should be placed
close to the IC. For most applications, a 10µF
ceramic capacitor will work.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Low ESR
capacitors are preferred to keep the output
voltage ripple to a minimum. The characteristics
of the output capacitor also affect the stability of
the
regulation
control
system.
Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
The output voltage ripple is:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
2
C
f
8
1
R
V
V
1
L
f
V
V
SW
ESR
IN
OUT
SW
OUT
RIPPLE
Where VRIPPLE is the output voltage ripple, fSW is
the switching frequency, VIN is the input voltage
and RESR is the equivalent series resistance of
the output capacitors.
Choose an output capacitor to satisfy the output
ripple requirements of the design. A 22µF
ceramic
capacitor
is
suitable
for
most
applications.
Selecting the Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor results in less ripple current that in turn
results in lower output ripple voltage. However,
the larger value inductor is likely to have a
larger
physical
size
and
higher
series
resistance. Choose an inductor that does not
saturate under the worst-case load conditions.
A good rule for determining the inductance is to
allow
peak-to-peak
ripple
current
to
be
approximately 30% to 40% of the maximum
load current. Make sure that the peak inductor
current (the load current plus half the peak-to-
peak inductor ripple current) is below 2.5A to
prevent loss of regulation due to the current
limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com