Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2363 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2363
Description  3A, 27V, 365KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2363 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2363 Datasheet HTML 1Page - Monolithic Power Systems MP2363 Datasheet HTML 2Page - Monolithic Power Systems MP2363 Datasheet HTML 3Page - Monolithic Power Systems MP2363 Datasheet HTML 4Page - Monolithic Power Systems MP2363 Datasheet HTML 5Page - Monolithic Power Systems MP2363 Datasheet HTML 6Page - Monolithic Power Systems MP2363 Datasheet HTML 7Page - Monolithic Power Systems MP2363 Datasheet HTML 8Page - Monolithic Power Systems MP2363 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2363 – 3A, 27V, 365KHz STEP-DOWN CONVERTER
MP2363 Rev. 1.0
www.MonolithicPower.com
4
6/15/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 2.5V, L = 15µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless otherwise noted.
2ms/div.
Startup through Enable
IOUT = 3A Resistive Load
VOUT
1V/div.
IL
1A/div.
Shutdown through Enable
IOUT = 1.5A Resistive Load
VOUT
1V/div.
IL
2A/div.
4ms/div.
Startup through Enable
IOUT = 1.5A Resistive Load
VOUT
1V/div.
IL
1A/div.
VOUT
1V/div.
IL
2A/div.
Shutdown through Enable
IOUT = 3A Resistive Load
Steady State Test
OUT = 1.5A Resistive Load
VOUT
10mV/div.
VIN
200mV/div.
IL
1A/div.
VSW
10V/div.
Steady State Test
IOUT = 3A Resistive Load
VOUT
10mV/div.
VIN
200mV/div.
IL
2A/div.
VSW
10V/div.
VOUT
AC Coupled
100mV/div.
ILOAD
1A/div.
Switching Frequency vs
Die Temperature
400
390
380
370
360
350
340
330
320
-20
-40
20
0
40 60
120
100
80
DIE TEMPERATURE (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com