Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2363 Datasheet (PDF) - Monolithic Power Systems

MP2363 Datasheet PDF - Monolithic Power Systems
Part # MP2363
Download  MP2363 Download
File Size   356.84 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 27V, 365KHz Step-Down Converter

MP2363 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2363 Datasheet PDF - Monolithic Power Systems

Part # MP2363
Download  MP2363 Click to download

File Size   356.84 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 27V, 365KHz Step-Down Converter

MP2363 Datasheet (HTML) - Monolithic Power Systems


MP2363 Product details

DESCRIPTION

The MP2363 is a non-synchronous step-down regulator with an integrated Power MOSFET. It achieves 3A continuous output current over a wide input supply range with excellent load and

line regulation.



FEATURES

• 3A Continuous Output Current, 4A Peak Output Current

•Programmable Soft-Start

•100mΩInternal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 95% Efficiency

• 20µA Shutdown Mode

• Fixed 365KHz frequency

•Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Wide 4.75V to 27V Operating Input Range

• Output is Adjustable From 0.92V to 21V

• Under Voltage Lockout



APPLICATIONS

•Distributed Power Systems

•Battery Chargers

• Pre-Regulator for Linear Regulators




Similar Part No. - MP2363

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2360DG MPS-MP2360DG Datasheet
156Kb / 4P
1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360DG MPS-MP2360DG Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
More results


Similar Description - MP2363

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
3A 27V Synchronous Buck Converter
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
logo
Monolithic Power System...
EV0015 MPS-EV0015 Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com