Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2363 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2363
Description  3A, 27V, 365KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2363 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2363 Datasheet HTML 1Page - Monolithic Power Systems MP2363 Datasheet HTML 2Page - Monolithic Power Systems MP2363 Datasheet HTML 3Page - Monolithic Power Systems MP2363 Datasheet HTML 4Page - Monolithic Power Systems MP2363 Datasheet HTML 5Page - Monolithic Power Systems MP2363 Datasheet HTML 6Page - Monolithic Power Systems MP2363 Datasheet HTML 7Page - Monolithic Power Systems MP2363 Datasheet HTML 8Page - Monolithic Power Systems MP2363 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2363
3A, 27V, 365KHz
Step-Down Converter
MP2363 Rev. 1.0
www.MonolithicPower.com
1
6/15/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2363 is a non-synchronous step-down
regulator with an integrated Power MOSFET. It
achieves 3A continuous output current over a
wide input supply range with excellent load and
line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
Adjustable soft-start reduces the stress on the
input source at turn-on. In shutdown mode, the
regulator draws 20µA of supply current.
The MP2363 requires a minimum number of
readily
available
external
components
to
complete a 3A step-down DC to DC converter
solution.
The MP2363 is available in an 8-pin SOIC
package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2363DN-00A
2.0”X x 1.9”Y x 0.4”Z
FEATURES
• 3A Continuous Output Current, 4A Peak
Output Current
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• Fixed 365KHz frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 27V Operating Input Range
• Output is Adjustable From 0.92V to 21V
• Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 27V
OUTPUT
2.5V
3A
MP2363
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN
OPEN = AUTOMATIC
STARTUP
6.8nF
10nF
B330A
Efficiency Curve
VIN = 12V
100
90
80
70
60
50
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
LOAD CURRENT (A)
VOUT=5.0V
VOUT=2.5V
VOUT=3.3V


Similar Part No. - MP2363

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2360DG MPS-MP2360DG Datasheet
156Kb / 4P
1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
MP2360DG MPS-MP2360DG Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2361DK MPS-MP2361DK Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2363

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
3A 27V Synchronous Buck Converter
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
logo
Monolithic Power System...
EV0015 MPS-EV0015 Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com