Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3205 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3205
Description  1.3MHz Fixed Frequency 5 White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3205 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3205 Datasheet HTML 1Page - Monolithic Power Systems MP3205 Datasheet HTML 2Page - Monolithic Power Systems MP3205 Datasheet HTML 3Page - Monolithic Power Systems MP3205 Datasheet HTML 4Page - Monolithic Power Systems MP3205 Datasheet HTML 5Page - Monolithic Power Systems MP3205 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP3205 – 1.3 MHz FIXED FREQUENCY 5 WHITE LED DRIVER
MP3205 Rev. 1.3
www.MonolithicPower.com
4
7/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
APPLICATION INFORMATION
OFF ON
MP3205
VIN
2.5V to 6V
LED1
LED2
LED3
MP3205_F02_AP_S01
CMDSH-3
IN
EN
GND
4
2
FB
3
SW
51
Figure 2—Driving 3 White LEDs
COMPONENT SELECTION
A typical application circuit can be seen in Figure
2. The 3 white LEDs can be driven from a voltage
supply range of 2.5V to 6V at an output current of
20mA. A 0.22µF output capacitor is sufficient for
most applications but an output capacitor up to
1µF may be used. A 22µH inductor with low DCR
(Inductor resistance) is recommended to improve
efficiency.
A
1µF
ceramic
capacitor
is
recommended for the input capacitance in the
real system. Schottky diodes have fast recovery
and a low forward voltage and are recommended.
Schottky diodes rated with 100mA to 200mA
are sufficient for the MP3205. The switching
characteristics during normal operation can be
seen in Figure 3. The MP3205 has internal
soft-start to limit the amount of current through
VIN at startup and to also limit the amount of
overshoot on the output. The current limit is
increased by a fourth every 40µs giving a total
soft-start time of 120µs.
VOUT RIPPLE
(AC COUPLED)
50mV/div.
VSW
5V/div.
IL
100mA/div.
MP3205_F03_WF01
Figure 3—Steady-State Operation
VIN=3.6V, 3 LEDs, 20mA
Figure 4 shows the startup behavior of the
MP3205. The ramped voltage that is added to the
current sense amplifier reduces the current output
as the duty cycle increases. As more LEDs are
added, the output voltage rises but the current that
can be delivered to the load is reduced as well.
VOUT
5V/div.
VEN
5V/div.
IIN
100mA/div.
MP3205_F04_WF02
Figure 4—Startup Waveforms
VIN=3.6V, 3 LEDs, 20mA
Figure 5 shows the dependence on current limit
versus duty cycle.
500
400
300
200
100
0
0
20406080
100
DUTY CYCLE (%)
MP3205_F05
Figure 5—Current Limit vs. Duty Cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com