Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3205 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3205
Description  1.3MHz Fixed Frequency 5 White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3205 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3205 Datasheet HTML 1Page - Monolithic Power Systems MP3205 Datasheet HTML 2Page - Monolithic Power Systems MP3205 Datasheet HTML 3Page - Monolithic Power Systems MP3205 Datasheet HTML 4Page - Monolithic Power Systems MP3205 Datasheet HTML 5Page - Monolithic Power Systems MP3205 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MP3205 – 1.3 MHz FIXED FREQUENCY 5 WHITE LED DRIVER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP3205 Rev. 1.3
www.MonolithicPower.com
6
7/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
OFF ON
MP3205
VIN
2.5V to 6V
LED1
LED2
LED3
MP3205_F09
CMDSH-3
IN
EN
GND
4
2
FB
3
SW
51
Figure 9—LED Driver with Overload Protection
PACKAGE INFORMATION
TSOT23-5
Ga ug ePlan e
0.25
BSC .
±0.10
-
+
0.400
0°
0°
4°
(2 p l cs)
1 0 °T YP.
2.90 B S C
(5 P L CS )
0.300(M i n)
L
C
TYP.
0.950
L
C
TYP.
0.950
3
0.500(M a x)
SEA T IN GPL A N E
0.00-0.10
0.127 T YP.
(2plc s )
10 °TY P .
D imensions are in millime te rs
Note:
1.Dimens ions and toleranc es are as per A NSI Y 14.5M, 1994.
2. Die is f ac ing up f or mold. Die is f ac ing dow n f or trim/f orm, ie. Rev ers e trim/f orm
3. Dimens ions are ex c lus iv e of mold f las h and gate burr.
4.The f ootlength meas uring is bas ed on the gauge plane method.
5. A ll s pec if ic ation c omply to Jedec Spec MO193 Is s ue C.
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com