Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3205 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3205
Description  1.3MHz Fixed Frequency 5 White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3205 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3205 Datasheet HTML 1Page - Monolithic Power Systems MP3205 Datasheet HTML 2Page - Monolithic Power Systems MP3205 Datasheet HTML 3Page - Monolithic Power Systems MP3205 Datasheet HTML 4Page - Monolithic Power Systems MP3205 Datasheet HTML 5Page - Monolithic Power Systems MP3205 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MP3205
1.3MHz Fixed Frequency
5 White LED Driver
MP3205 Rev. 1.3
www.MonolithicPower.com
1
7/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP3205 is a step-up converter designed
for driving up to 5 series white LEDs from a
single cell Lithium Ion battery. The MP3205
uses current mode, fixed frequency architecture
to regulate the LED current, which is measured
through an external current sense resistor. Its
low 104mV feedback voltage reduces power
loss and improves efficiency.
The MP3205 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload. The MP3205 is available in a small
5-pin TSOT23 package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV3205DJ-00A
1.9”X x 1.8”Y x 0.4”Z
FEATURES
• On Board Power MOSFET
• Drives up to 5 Series White LEDs
• Up to 87% Efficiency
• Over 1MHz Fixed Switching Frequency
• Low 104mV Feedback Voltage
• Soft-Start/PWM Dimming
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in a TSOT23-5 Package
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays Application
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP3205
VIN
5V
LED1
LED2
LED3
LED4
LED5
EN
MP3205-TAC-S01
CMDSH-3
FB
3
SW
IN
1
5
EN
GND
4
2
88
87
86
85
84
83
82
81
80
79
78
77
5
101520
LED CURRENT (mA)
MP3205-EC01
Efficiency vs
LED Current
3 LEDs
4 LEDs
VIN=3.6V
5 LEDs


Similar Part No. - MP3205

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3205DJ MPS-MP3205DJ Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
More results

Similar Description - MP3205

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Advanced Power Electron...
APE1612 A-POWER-APE1612 Datasheet
274Kb / 9P
1.9A FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
MP3301 MPS-MP3301 Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com