Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4068 Datasheet(PDF) 7 Page - EPCOS

Part # B4068
Description  SAW Components Low-Loss Filter for Mobile Communication 904,5 / 925,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4068 Datasheet(HTML) 7 Page - EPCOS

  B4068 Datasheet HTML 1Page - EPCOS B4068 Datasheet HTML 2Page - EPCOS B4068 Datasheet HTML 3Page - EPCOS B4068 Datasheet HTML 4Page - EPCOS B4068 Datasheet HTML 5Page - EPCOS B4068 Datasheet HTML 6Page - EPCOS B4068 Datasheet HTML 7Page - EPCOS B4068 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Aug 29, 2002
SAW Components
B4068
904,5 / 925,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Isolation between Tx and Rx
Operating temperature range
T
= –10 to 55 ˚C
Ant term. impedance
ZAnt =50 Ω
Port 1 term. impedance
ZPort 1=50 Ω
Port 2 term. impedance
ZPort 2=50 Ω
Isolation between Tx and Rx:
min.
typ.
max.
Absolute attenuation
α
902,30 ... 906,65 MHz
35
37
—
dB
923,10 ... 927,75 MHz
42
46
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com