Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4068 Datasheet(PDF) 2 Page - EPCOS

Part # B4068
Description  SAW Components Low-Loss Filter for Mobile Communication 904,5 / 925,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4068 Datasheet(HTML) 2 Page - EPCOS

  B4068 Datasheet HTML 1Page - EPCOS B4068 Datasheet HTML 2Page - EPCOS B4068 Datasheet HTML 3Page - EPCOS B4068 Datasheet HTML 4Page - EPCOS B4068 Datasheet HTML 5Page - EPCOS B4068 Datasheet HTML 6Page - EPCOS B4068 Datasheet HTML 7Page - EPCOS B4068 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Aug 29, 2002
SAW Components
B4068
904,5 / 925,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC8D
Features
s
Compact RF duplexer for cordless telephone
ISM
s
No matching network required for operation at
50
Ω
s
Ceramic
package
for
Surface
Mounted
Technology (SMT)
Terminals
s
Gold-plated, Ni
Dimensions in mm, approx. weight 0,037 g
Pin configuration
1
Transmitter (Tx)
3
Receiver (Rx)
6
Antenna (Ant)
2
Tx - ground
4, 8
Case / Rx - ground
5, 7
Ant - ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4068
B39931-B4068-U810
C61157-A7-A72-X-27
F61074-V8101-Z000
Maximum ratings
Operating temperature range
T
– 10/ +55
˚C
Storage temperature range
Tstg
– 40/ +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com