Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4068 Datasheet(PDF) 3 Page - EPCOS

Part # B4068
Description  SAW Components Low-Loss Filter for Mobile Communication 904,5 / 925,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4068 Datasheet(HTML) 3 Page - EPCOS

  B4068 Datasheet HTML 1Page - EPCOS B4068 Datasheet HTML 2Page - EPCOS B4068 Datasheet HTML 3Page - EPCOS B4068 Datasheet HTML 4Page - EPCOS B4068 Datasheet HTML 5Page - EPCOS B4068 Datasheet HTML 6Page - EPCOS B4068 Datasheet HTML 7Page - EPCOS B4068 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Aug 29, 2002
SAW Components
B4068
904,5 / 925,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics Tx - Ant
Operable temperature range
TA
= –10 to 55 ˚C
Ant term. impedance
ZAnt
= 50
Ω
Port 1 term. impedance
ZPort 1 = 50 Ω
Port 2 term. impedance
ZPort 2 = 50 Ω
Characteristics Rx - Ant
Operable temperature range
TA
= –10 to 55 ˚C
Ant term. impedance
ZAnt
= 50
Ω
Port 1 term. impedance
ZPort 1 = 50 Ω
Port 2 term. impedance
ZPort 2 = 50 Ω
min.
typ.
max.
Center frequency
fc
—
904,5
—
MHz
Maximum insertion attenuation
α
max
902,30 ... 906,65 MHz
—
3,6
4,0
dB
Amplitude ripple (p-p)
∆α
902,30 ... 906,65 MHz
—
0,5
1,5
dB
Absolute attenuation
α
450,00 ... 850,00 MHz
40
54
—
dB
850,00 ... 870,00 MHz
28
54
—
dB
870,00 ... 890,00 MHz
10
39
—
dB
924,90 ... 927,60 MHz
38
44
—
dB
960,00 ... 1000,00 MHz
48
54
—
dB
1000,00 ... 1600,00 MHz
40
51
—
dB
1600,00 ... 2500,00 MHz
25
35
—
dB
min.
typ.
max.
Center frequency
fc
—
926,25
—
MHz
Maximum insertion attenuation
α
max
923,10 ... 927,75 MHz
—
3,4
4,0
dB
Amplitude ripple (p-p)
∆α
923,10 ... 927,75 MHz
—
0,5
1,5
dB
Absolute attenuation
α
450,00 ... 884,80 MHz
40
45
—
dB
884,80 ... 903,50 MHz
35
38
—
dB
903,50 ... 906,20 MHz
37
40
—
dB
946,30 ... 967,70 MHz
25
29
—
dB
967,70 ... 1100,00 MHz
30
43
—
dB
1100,00 ... 2000,00 MHz
30
43
—
dB
2000,00 ... 3000,00 MHz
25
33
—
dB
3000,00 ... 3500,00 MHz
20
30
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com