Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROTO-SHIELD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PROTO-SHIELD
Description  PROTO-SHIELD development board Users Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PROTO-SHIELD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PROTO-SHIELD Datasheet HTML 1Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 2Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 3Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 4Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 5Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 6Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 7Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 8Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
INTRODUCTION:
PROTO-SHIELD
is prototype board compatible with all of Olimex's AR-
DUINO compatible boards – like OLIMEXINO-328, OLIMEXINO-STM32 and
PIC32-PINGUINO. The board comes without mounted connectors on it, but it is
shipped with one 6x1 connector and three 8x1 connectors, which can be mounted
by the customer. The prototype area gives user the opportunity to solder different
extensions for ARDUINO compatible boards. All this allows you to build a di-
versity of applications.
BOARD FEATURES:
one 6x1 connector – not mounted
three 8x1 connectors – not mounted
two status leds
two user buttons
prototype area
FR-4, 1.5 mm, soldermask, component print
Dimensions: 68.58 x 53.34mm (2.71 x 2.11")
ELECTROSTATIC WARNING:
The PROTO-SHIELD board is shipped in protective anti-static packaging. The
board must not be subject to high electrostatic potentials. General practice for
working with static sensitive devices should be applied when working with this
board.
BOARD USE REQUIREMENTS:
Hardware:
The board can be used with any of our ARDUINO compatible
boards: OLIMEXINO-328, OLIMEXINO-STM32, PIC32-PINGUINO, PIC32-
PINGUINO-OTG.
Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com