Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROTO-SHIELD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PROTO-SHIELD
Description  PROTO-SHIELD development board Users Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PROTO-SHIELD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PROTO-SHIELD Datasheet HTML 3Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 4Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 5Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 6Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 7Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 8Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 9Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 10Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIGITAL:
Pin #
Signal Name
1
D8
2
D9(LED2)
3
D10(#SS)
4
D11(MOSI)
5
D12(MISO)
6
D13(SCK/LED1)
7
GND
8
AREF
Note: This connector is not mounted on the board.
CON-A:
Note: This footprint can be used for mounting of SMD IC with 1.27mm pitch. Each of SMD
pads is routed to True Hole pad.
SMD
Pin #
True Hole pin
#
SMD
Pin #
True Hole pin
#
1
1A
2
2A
3
3A
4
4A
5
5A
6
6A
7
7A
8
8A
9
9A
10
10A
11
11A
12
12A
13
13A
14
14A
15
15A
16
16A
17
17A
18
18A
19
19A
20
20A
21
21A
22
22A
23
23A
24
24A
25
25A
26
26A
27
27A
28
28A
29
29A
30
30A
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com