Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROTO-SHIELD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PROTO-SHIELD
Description  PROTO-SHIELD development board Users Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PROTO-SHIELD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PROTO-SHIELD Datasheet HTML 1Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 2Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 3Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 4Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 5Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 6Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 7Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 8Page - List of Unclassifed Manufacturers PROTO-SHIELD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
B2_E
This jumper, when closed, BUT2 is connected to D7 line.
This jumper, when opened, BUT2 is connected to B2 pad
Default state is closed.
INPUT/OUTPUT:
Status Led
with name LED1 (red) connected via jumper L1_E to DIGITAL
connector pin D3 – signal LED1.
Status Led
with name LED2 (green) connected via jumper L2_E to DIGITAL
connector pin D4 – signal LED2.
User button
with name BUT1 connected via jumper B1_E to DIGITAL connector
pin D6 – signal BUT1.
User button
with name BUT2 connected via jumper B2_E to DIGITAL connector
pin D7 – signal BUT2.
EXTERNAL CONNECTORS DESCRIPTION:
POWER:
Pin #
Signal Name
1
A6
2
A7
3
RESET
4
VCC
5
+5V
6
GND
7
GND
8
+24V (VIN)
Note: This connector is not mounted on the board.
Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com