Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 9 Page - Sipex Corporation

Part # LP2950
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button LP2950_07 Datasheet HTML 5Page - Sipex Corporation LP2950_07 Datasheet HTML 6Page - Sipex Corporation LP2950_07 Datasheet HTML 7Page - Sipex Corporation LP2950_07 Datasheet HTML 8Page - Sipex Corporation LP2950_07 Datasheet HTML 9Page - Sipex Corporation LP2950_07 Datasheet HTML 10Page - Sipex Corporation LP2950_07 Datasheet HTML 11Page - Sipex Corporation LP2950_07 Datasheet HTML 12Page - Sipex Corporation LP2950_07 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation

 
100K
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
1.23V
1.24 to 2 9V
R1
.01
µF
3.3
µF
R2
V
REF
3
8
5
1
4
7
SHUTDOWN
INPUT
+
LP2951
470k
Ω
ERROR
______
SD
V OUT
GND
+V IN
+V IN
R1
1
µF
R2
3
8
5
1
4
+
FB
7
V OUT
470k
Ω
LP2951
RESET
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
*V OUT = V IN
3
8
5
1
4
7
SHUTDOWN
INPUT
LP2951
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV to 400mV.
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 150mA
   
       
       



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com