Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 3 Page - Sipex Corporation

Part # LP2950
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950 Datasheet(HTML) 3 Page - Sipex Corporation

  LP2950_07 Datasheet HTML 1Page - Sipex Corporation LP2950_07 Datasheet HTML 2Page - Sipex Corporation LP2950_07 Datasheet HTML 3Page - Sipex Corporation LP2950_07 Datasheet HTML 4Page - Sipex Corporation LP2950_07 Datasheet HTML 5Page - Sipex Corporation LP2950_07 Datasheet HTML 6Page - Sipex Corporation LP2950_07 Datasheet HTML 7Page - Sipex Corporation LP2950_07 Datasheet HTML 8Page - Sipex Corporation LP2950_07 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image

Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation
LP2950/51
PARAMETER
CONDITIONS
(Note 2)
LP2951AC
Min. Typ.
Max.
LP2951C
Min. Typ. Max.
UNITS
8-Pin Versions only (Continued)
Reference Voltage
Temperature
Coefficient
20
50
ppm/°C
Feedback Pin Bias
Current
Temperature
Coefficient
0.1
0.1
nA/°C
Error Comparator
Output Leakage
Current
VOH = 30V
0.01 1
0.01
1
μ
A
Output Low Voltage
VIN= 4.5V
IOL= 400 μA
150
250
150
250
mV
Upper Threshold
Voltage
(Note 7)
40
60
40
60
mV
Lower Threshold
Voltage
(Note 7)
75
95
75
95
mV
Hysteresis
(Note7)
15
15
mV
Shutdown Input
Input logic Voltage
Low (Regulator ON)
High (Regulator OFF)
2.0
1.3
0.7
2.0
1.3
0.7
V
V
Shut down Pin Input
Current
VS= 2.4V
VS= 30V
30
675
50
800
30
675
50
800
μ
A
μ
A
Regulator Output
Current in Shutdown
(Note 8)
3
10
3
10
μ
A
8 Pin SOIC
128.4
°C/W
Thermal
Resistance θJA
3 Pin TO-92
131.
9
°C/W
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2: Unless otherwise specified all limits guaranteed for T J= 25°C, VIN= 6V, I L= 100 μA and CL= 1μF. Additional conditions for the 8-pin versions are feedback
tied to 5V tap and output tied to output sense (VOUT= 5V) and V SHUTDOWN ≤0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specification for thermal regulation.
Note 4: Line regulation for the LP2951 is tested at IL= 1mA. For I L= 100 μA and TJ= 125°C, line regulation is guaranteed by design to 0.2%. See typical
performance characteristics for line regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V differential. At
very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be taken into account.
Note 6: V REF≤VOUT ≤(V IN- 1V), 2.3 ≤VIN≤30V, 100μA≤IL≤100mA, T J ≤T JMAX.
Note 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage measured at 6V input. To
express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF= (R 1+ R 2)/R2. For example, at a programmed output
voltage of 5V, the error output is guaranteed to go low when the output drops by 95 mV x 5V/1.235 = 384 mV. Thresholds remain constant as a percent of VOUTas V OUT
is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 8: VSHUTDOWN ≥2V, V IN ≤30V, V OUT=0, Feedback pin tied to 5V Tap.
Note 9: All typical values are not guaranteed. The value could vary from lot to lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com