Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 14 Page - Sipex Corporation

Part # LP2950
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button LP2950_07 Datasheet HTML 7Page - Sipex Corporation LP2950_07 Datasheet HTML 8Page - Sipex Corporation LP2950_07 Datasheet HTML 9Page - Sipex Corporation LP2950_07 Datasheet HTML 10Page - Sipex Corporation LP2950_07 Datasheet HTML 11Page - Sipex Corporation LP2950_07 Datasheet HTML 12Page - Sipex Corporation LP2950_07 Datasheet HTML 13Page - Sipex Corporation LP2950_07 Datasheet HTML 14Page - Sipex Corporation LP2950_07 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image

Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation

 
100K
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
1.23V
1.24 to 2 9V
R 1
.01
µF
3.3
µF
R 2
V
REF
3
8
5
1
4
7
SHUTDOWN
INPUT
+
LP2951
470k
ERROR
______
SD
V OUT
GND
+V IN
+V IN
R 1
1
µF
R 2
3
8
5
1
4
+
FB
7
V OUT
470k
LP2951
RESET
OUTPUT
ERROR
ERROR
______
SD
V OUT
GND
FB
+V IN
+V IN
*V OUT = V IN
3
8
5
1
4
7
SHUTDOWN
INPUT
LP2951
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV to 400mV.
DEPENDING ON LOAD CURRENT. CURRENT LIMIT IS TYPICALLY 150mA
   
       
       
Sipex corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 9505
TEL: (08) 9-7500
FAX: (08) 95-700
ORDeRing inFORMATiOn
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Part number
Accuracy Output
Voltage Package Shipping Status
LP2950ACN-L--
0.50%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L--/TR 0.50%
.V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950ACN-L-5-0
0.50%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L-5-0/TR 0.50%
5.0V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950CN-L--
%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L--/TR
%
.V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950CN-L-5-0
%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L-5-0/TR
%
5.0V
Lead Free
 Pin TO-92 Tape & Reel Active
LP295ACS-L--
0.50%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L--/TR 0.50%
.V
Lead Free
8 Pin SOIC Tape & Reel Active
LP295ACS-L-5-0
0.50%
5.0V/ADJ Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L-5-0/TR 0.50%
5.0V/ADJ Lead Free
8 Pin SOIC Tape & Reel Active
LP295CS-L--
%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L--/TR
%
.V
Lead Free
8 Pin SOIC Tape & Reel Active
LP295CS-L-5-0
%
5.0V/ADJ Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L-5-0/TR
%
5.0V/ADJ Lead Free
8 Pin SOIC Tape & Reel Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com