Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331CT Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP331CT
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331CT Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP331CT Datasheet HTML 4Page - Sipex Corporation SP331CT Datasheet HTML 5Page - Sipex Corporation SP331CT Datasheet HTML 6Page - Sipex Corporation SP331CT Datasheet HTML 7Page - Sipex Corporation SP331CT Datasheet HTML 8Page - Sipex Corporation SP331CT Datasheet HTML 9Page - Sipex Corporation SP331CT Datasheet HTML 10Page - Sipex Corporation SP331CT Datasheet HTML 11Page - Sipex Corporation SP331CT Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
8
THEORY OF OPERATION
The SP331 is made up of four separate circuit
blocks — the charge pump, drivers, receivers,
and decoder. Each of these circuit blocks is
described in more detail below.
Charge–Pump
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical 10V
power supplies. Figure 15(a) shows the
waveform found on the positive side of capcitor
C2, and Figure 15(b) shows the negative side of
capcitor C2. There is a free–running oscillator
that controls the four phases of the voltage
shifting. A description of each phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and charge on C
1
is
transferred to C
2
. Since C
2
+ is connected to
FUNCTION TABLE FOR SELECT PINS
A
B
C
D
MODE
FUNCTION
000
0
RS-232
All four RS-232 drivers active
000
1
RS-232
All four RS-232 drivers tri-state
001
0
RS-232
All four RS-232 drivers tri-state
001
1
RS-232
RS-232 (4ch) Loopback
010
0
RS-232/RS-485
T1 and T2 active RS-232; T3 tri-state RS-485
010
1
RS-232/RS-485
T1 and T2 tri-state RS-232; T3 active RS-485
011
0
RS-232/RS-485
T1 and T2 active RS-232; T3 tri-state RS-485
011
1
RS-232/RS-485
RS-232 (2ch) / RS-485 (1ch) Loopback
100
0
RS-485/RS-232
T1 active RS-485; T3 and T4 active RS-232
100
1
RS-485/RS-232
T1 tr-state RS-485; T3 active RS-232; T4 active RS232
101
0
RS-485/RS-232
All RS-485 and RS-232 drivers tri-state
101
1
RS-485/RS-232
RS-485 (1ch) / RS-232 (2ch) Loopback
110
0
RS-485
T1 and T3 active RS-485
110
1
RS-485
T1 tri-state RS-485; T3 active RS-485
111
0
RS-485
T1 active RS-485; T3 tri-state RS-485
111
1
RS-485
RS-485 (2ch) Loopback
+5V, the voltage potential across capacitor C
2
is now 10V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V to
C
3. Simultaneously, the positive side of capaci-
tor C
1 is switched to +5V and the negative side
is connected to ground.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –5V in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+ is at +5V, the
voltage potential across C
2 is l0V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2 to
ground and transfers the generated l0V across
C
2 to C4, the VDD storage capacitor. Again,
Table 1. Mode Function Table. (Refer to Control Logic Confirmations for Block Diagrams)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com