Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331CT Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP331CT
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331CT Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP331CT Datasheet HTML 5Page - Sipex Corporation SP331CT Datasheet HTML 6Page - Sipex Corporation SP331CT Datasheet HTML 7Page - Sipex Corporation SP331CT Datasheet HTML 8Page - Sipex Corporation SP331CT Datasheet HTML 9Page - Sipex Corporation SP331CT Datasheet HTML 10Page - Sipex Corporation SP331CT Datasheet HTML 11Page - Sipex Corporation SP331CT Datasheet HTML 12Page - Sipex Corporation SP331CT Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
13
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP331CT ........................................................................... 0°C to +70°C ........................................................................................... 28-pin WSOIC
SP331CT/TR ..................................................................... 0°C to +70°C ........................................................................................... 28-pin WSOIC
SP331ET ........................................................................ -40°C to +85°C ........................................................................................... 28-pin WSOIC
SP331ET/TR .................................................................. -40°C to +85°C ........................................................................................... 28-pin WSOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNALPROCESSINGEXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
CLICK HERE TO ORDER SAMPLES
/TR = Tape and Reel
Pack quantity is 1,500 for WSIOC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP331ET/TR = standard; SP331ET-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com