Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331CT Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP331CT
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331CT Datasheet(HTML) 2 Page - Sipex Corporation

  SP331CT Datasheet HTML 1Page - Sipex Corporation SP331CT Datasheet HTML 2Page - Sipex Corporation SP331CT Datasheet HTML 3Page - Sipex Corporation SP331CT Datasheet HTML 4Page - Sipex Corporation SP331CT Datasheet HTML 5Page - Sipex Corporation SP331CT Datasheet HTML 6Page - Sipex Corporation SP331CT Datasheet HTML 7Page - Sipex Corporation SP331CT Datasheet HTML 8Page - Sipex Corporation SP331CT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
2
ELECTRICAL CHARACTERISTICS
Typically 25°C @ Vcc = +5V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= -3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
RS-232 DRIVER
DC Characteristics
HIGH Level Output
+5.0
+15
Volts
R
L=3kΩ, VIN=0.8V
LOW Level Output
–15.0
–5.0
Volts
R
L=3kΩ, VIN=2.0V
Open Circuit Voltage
–15
+15
Volts
Short Circuit Current
±100
mA
V
OUT = 0V
Power Off Impedance
300
V
cc = 0V, Vout = ±2.0V
AC Characteristics
Slew Rate
30
V/µsR
L=3kΩ, CL= 50pF
V
CC = +5.0V, TA @ +25°C
Transition Time
1.5
µsR
L=3kΩ, CL=2500pF ;
between ±3V, T
A @ +25°C
Maximum Data Rate
120
235
kbps
R
L=3kΩ, CL=2500pF
Propagation Delay
t
PHL
28
µs
Measured from 1.5V of V
IN
t
PLH
28
µs
to 50% of V
OUT; RL=3kΩ
RS-232 RECEIVER
DC Characteristics
HIGH Threshold
1.7
3.0
Volts
LOW Threshold
0.8
1.2
Volts
Receiver Open Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
kΩ
V
IN = +15V to –15V
AC Characteristics
Maximum Data Rate
120
235
kbps
Propagation Delay
t
PHL
0.25
1
µs
Measured from 50% of V
IN
t
PLH
0.25
1
µs
to 1.5V of V
OUT.
RS-485 DRIVER
DC Characteristics
Open Circuit Voltage
6.0
Volts
Differential Output
1.5
5.0
Volts
R
L=54Ω, CL=50pF
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC...........................................................................+7V
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation
28-pin Plastic DIP...........................1000mW
28-pin Plastic SOIC.......................1000mW
Package Derating:
28-pin Plastic DIP
ø
JA....................................................40 °C/W
28-pin Plastic SOIC
ø
JA....................................................40 °C/W
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com