Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1450 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF1450
Description  RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1450 Datasheet(HTML) 3 Page - RF Micro Devices

  RF1450 Datasheet HTML 1Page - RF Micro Devices RF1450 Datasheet HTML 2Page - RF Micro Devices RF1450 Datasheet HTML 3Page - RF Micro Devices RF1450 Datasheet HTML 4Page - RF Micro Devices RF1450 Datasheet HTML 5Page - RF Micro Devices RF1450 Datasheet HTML 6Page - RF Micro Devices RF1450 Datasheet HTML 7Page - RF Micro Devices RF1450 Datasheet HTML 8Page - RF Micro Devices RF1450 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF1450
Rev A0 DS070531
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
VDD=1.8V<2.5V,
Temp=25°C
Second Harmonic 2f0
-80
dBc
f=0.9GHz, PIN=34.5dBm
-80
dBc
f=1.8GHz, PIN=31.5dBm
Third Harmonic 3f0
-75
dBc
f=0.9GHz, PIN=34.5dBm
-75
dBc
f=1.8GHz, PIN=31.5dBm
IMD
-105
dBm
Fundamental Frequency Power
Level=+20dBm @ 1950MHz
Blocker Power Level=-15dBm @ 1760MHz
Supply and Control Signal
Characteristics
Supply Voltage (VBAT)2.9
4.4
V
Supply Current (VBAT)
Standby Mode
0.1
μA
Active Mode
0.55
1.50
μA
Switched Supply Voltage (VDD)
VHIGH
1.80
2.50
2.85
V
With reduced specifications below 2.5V VDD,
see electrical parameters table.
VLOW
00.05
V
Switched Supply Current (VDD)
IHIGH
160
250
μA
ILOW
0mA
Control Voltage (CTRL1, CTRL2)
VHIGH
1.3
2.7
V
VLOW
00.05
V
Control Current (CTRL1, CTRL2)
IHIGH
0.5
μA
ILOW
0.5
μA
*Through phase is defined as measured normalized using a reference calibration PWB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com