Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1450 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF1450
Description  RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1450 Datasheet(HTML) 4 Page - RF Micro Devices

  RF1450 Datasheet HTML 1Page - RF Micro Devices RF1450 Datasheet HTML 2Page - RF Micro Devices RF1450 Datasheet HTML 3Page - RF Micro Devices RF1450 Datasheet HTML 4Page - RF Micro Devices RF1450 Datasheet HTML 5Page - RF Micro Devices RF1450 Datasheet HTML 6Page - RF Micro Devices RF1450 Datasheet HTML 7Page - RF Micro Devices RF1450 Datasheet HTML 8Page - RF Micro Devices RF1450 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF1450
Rev A0 DS070531
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1GND
Ground.
2VDD
Supply. The voltage at this node will be switched and it is important that the switch is operating within the spec-
ified start up time. This signal might be used as a mode control.
3CTRL2
Control signal 2.
4CTRL1
Control signal 1.
5GND
Ground.
6RF4
RF output 4.
7GND
Ground.
8RF3
RF output 3.
9GND
Ground.
10
GND
Ground.
11
ANT
RF input (connected to antenna).
12
GND
Ground.
13
RF1
RF output 1.
14
GND
Ground.
15
RF2
RF output 2.
16
VBAT
Constant supply.
Pkg
Base
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com