Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1450 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1450
Description  RoHS Compliant & Pb-Free Product Package Style: QFN, 16-pin, 3mmx3mm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1450 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1450 Datasheet HTML 1Page - RF Micro Devices RF1450 Datasheet HTML 2Page - RF Micro Devices RF1450 Datasheet HTML 3Page - RF Micro Devices RF1450 Datasheet HTML 4Page - RF Micro Devices RF1450 Datasheet HTML 5Page - RF Micro Devices RF1450 Datasheet HTML 6Page - RF Micro Devices RF1450 Datasheet HTML 7Page - RF Micro Devices RF1450 Datasheet HTML 8Page - RF Micro Devices RF1450 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
CTRL1
CTRL2
VDD
GND
GND
GND
GND
ANT
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
CMOS
Decoder
pHEMT
Switch
RF1450
SP4T SWITCH
The RF1450 is a single-pole four-throw (SP4T) high power switch specially
designed to handle GSM power applications. Excellent linearity perfor-
mance achieved by the RF1450 makes it ideal for multimode
GSM/EDGE/W-CDMA applications. Additionally, RF1450 includes inte-
grated decoding logic, allowing just two control lines needed for switch
control. The RF1450 is packaged in a very compact 3mmx3mmx0.9mm,
16-pin, leadless QFN package.
Features
Low Insertion Loss 0.4dB @
1GHz
High Isolation 29dB @ 1GHz
VDD=2.5V to 2.85V, Down to
1.8V with Reduced Specifica-
tions
High Linearity IMD <-110dBm
Harmonics: -75dBc@1GHz
GaAs pHEMT Process
Applications
Cellular Handset Applications
Multi-Mode GSM, W-CDMA
Applications
GSM/GPRS/EDGE Switch
Applications
Cellular Infrastructure Appli-
cations
RF1450SP4T Switch
RF1450
SP4T Switch
RF1450PCBA-410
Fully Assembled Evaluation Board
Rev A0 DS070531
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-pin, 3mmx3mm


Similar Part No. - RF1450

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RF14 RENESAS-RF14 Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
RF Monolithics, Inc
RF1400D RFM-RF1400D Datasheet
164Kb / 3P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1400D MURATA-RF1400D Datasheet
209Kb / 4P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1401D RFM-RF1401D Datasheet
55Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1401D MURATA-RF1401D Datasheet
63Kb / 2P
433.92 MHz SAW Filter
More results

Similar Description - RF1450

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1200 RFMD-RF1200 Datasheet
167Kb / 8P
RoHS Compliant & Pb-Free Product Package Style: QFN, 6-pin, 2x2
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com