Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP508
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP508 Datasheet HTML 4Page - Sipex Corporation SP508 Datasheet HTML 5Page - Sipex Corporation SP508 Datasheet HTML 6Page - Sipex Corporation SP508 Datasheet HTML 7Page - Sipex Corporation SP508 Datasheet HTML 8Page - Sipex Corporation SP508 Datasheet HTML 9Page - Sipex Corporation SP508 Datasheet HTML 10Page - Sipex Corporation SP508 Datasheet HTML 11Page - Sipex Corporation SP508 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
PIN DESCRIPTION
Pin Number
Pin Name
Description
Pin Number
Pin Name
Description
1
VCC
5V Power Supply Input
51
TxC(b)
TxC Non-Inverting Input
2
GND
Signal Ground
52
GND
Signal Ground
3
SDEN
TxD Driver Enable Input
53
TxC(a)
TxC Inverting Input
4
TTEN
TxCE Driver Enable Input
54
CS(b)
CTS Non-Inverting Input
5
STEN
ST Driver Enable Input
55
CS(a)
CTS Inverting Input
6
RSEN
RTS Driver Enable Input
56
DM(b)
DSR Non-Inverting Input
7
TREN
DTR Driver Enable Input
57
DM(a)
DSR Inverting Input
8
RRCEN
DCD Driver Enable Input
58
GNDV10
V.10 Rx Reference Node
9
RLEN
RL Driver Enable Input
59
RRT(b)
DCD
DTE Non-Inverting Input
10
LLEN#
LL Driver Enable Input
60
RRT(a)
DCD
DTE Inverting Input
11
RDEN#
RxD Receiver Enable Input
61
IC
RI Receiver Input
12
RTEN#
RxC Receiver Enable Input
62
TM(a)
TM Receiver Input
13
TxCEN#
TxC Receiver Enable Input
63
LL(a)
LL Driver Output
14
CSEN#
CTS Receiver Enable Input
64
VCC
Power Supply Input
15
DMEN#
DSR Receiver Enable Input
65
RL(a)
RL Driver Output
16
RRTEN#
DCD
DTE Receiver Enable Input
66
VSS1
-2xVCC Charge Pump Output
17
ICEN#
RI Receiver Enable Input
67
C2N
Charge Pump Capacitor
18
TMEN
TM Receiver Enable Input
68
GND
Signal Ground
19
D0
Mode Select Input
69
C1N
Charge Pump Capacitor
20
D1
Mode Select Input
70
C2P
Charge Pump Capacitor
21
D2
Mode Select Input
71
VCC
Power Supply Input
22
TERM_OFF Termination Disable Input
72
C1P
Charge Pump Capacitor
23
D_LATCH#
Decoder Latch Input
73
VDD
2xVCC Charge Pump Output
24
NC
No Connect
74
GND
Signal Ground
25
GND
Signal Ground
75
TR(a)
DTR Inverting Output
26
VCC
5V Power Supply Input
76
NC
No Connect
27
LOOPBACK# Loopback Mode Enable Input
77
VCC
Power Supply Input
28
TxD
TxD Driver TTL Input
78
TR(b)
DTR Non-Inverting Output
29
TxCE
TxCE Driver TTL Input
79
RRC(b)
DCD Non-Inverting Output
30
ST
ST Driver TTL Input
80
VCC
Power Supply Input
31
RTS
RTS Driver TTL Input
81
RRC(a)
DCD Inverting Output
32
DTR
DTR Driver TTL Input
82
GND
Signal Ground
33
DCD_DCE
DCD
DCE Driver TTL Input
83
RS(a)
RTS Inverting Output
34
RL
RL Driver TTL Input
84
VCC
Power Supply Input
35
LL
LL Driver TTL Input
85
RS(b)
RTS Non-Inverting Output
36
RxD
RxD Receiver TTL Output
86
GND
Signal Ground
37
RxC
RxC Receiver TTLOutput
87
ST(a)
ST Inverting Output
38
TxC
TxC Receiver TTL Output
88
VCC
Power Supply Input
39
CTS
CTS Receiver TTL Output
89
V35TGND3
ST Termination Referance
40
DSR
DSR Receiver TTL Output
90
ST(b)
ST Non-Inverting Output
41
DCD_DTE
DCD
DTE Receiver TTL Output
91
GND
Signal Ground
42
RI
RI Receiver TTL Output
92
TT(a)
TxCE Inverting Output
43
TM
TM Receiver TTL Output
93
VCC
5V Power Supply Input
44
GND
Signal Ground
94
V35TGND2
ST Termination Referance
45
VCC
Power Supply Input
95
TT(b)
TxCE Non-Inverting Output
46
V35RGND
Reciever Termination Refrence
96
GND
Signal Ground
47
RD(b)
RXD Non-Inverting Input
97
SD(a)
TxD Inverting Output
48
RD(a)
RXD Inverting Input
98
VCC
5V Power Supply Input
49
RT(b)
RxC Non-Inverting Input
99
V35TGND1
ST Termination Referance
50
RT(a)
RxC Inverting Input
100
SD(b)
TxD Non-Inverting Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com