Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP508
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508 Datasheet(HTML) 3 Page - Sipex Corporation

  SP508 Datasheet HTML 1Page - Sipex Corporation SP508 Datasheet HTML 2Page - Sipex Corporation SP508 Datasheet HTML 3Page - Sipex Corporation SP508 Datasheet HTML 4Page - Sipex Corporation SP508 Datasheet HTML 5Page - Sipex Corporation SP508 Datasheet HTML 6Page - Sipex Corporation SP508 Datasheet HTML 7Page - Sipex Corporation SP508 Datasheet HTML 8Page - Sipex Corporation SP508 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
V.28 RECEIVER (cont)
AC Parameters (cont.)
Max.Transmission Rate
120
235
kbps
V.10 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±4.0
±6.0
Volts
♦
per
Figure 9
Test-Terminated Voltage
0.9V
OC
Volts
♦
per
Figure 10
Short-Circuit Current
±150
mA
♦
per
Figure 11
Power-Off Current
±100
µA
♦
per
Figure 12
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
200
ns
♦
per
Figure 13; 10% to 90%
Propagation Delay
t
PHL
30
100
500
ns
♦
t
PLH
30
100
500
ns
♦
Max.Transmission Rate
120
kbps
♦
V.10 RECEIVER
DC Parameters
Inputs
Input Current
–3.25
+3.25
mA
♦
per
Figures 14 and 15
Input Impedance
4
kΩ
♦
Sensitivity
±0.3
Volts
♦
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
60
ns
♦
t
PLH
60
ns
♦
Max.Transmission Rate
120
kbps
♦
V.11 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±6.0
Volts
♦
per
Figure 16
Test Terminated Voltage
±2.0
Volts
♦
per
Figure 17
0.5V
OC
0.67V
OC
Volts
♦
Balance
±0.4
Volts
♦
per
Figure 17
Offset
+3.0
Volts
♦
per
Figure 17
Short-Circuit Current
±150
mA
♦
per
Figure 18
Power-Off Current
±100
µA
♦
per
Figure 19
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
10
ns
♦
per
Fig. 21 and 36; 10% to 90%
Propagation Delay
Using C
L = 50pF;
t
PHL
30
60
ns
♦
per
Figures 33 and 36
t
PLH
30
60
ns
♦
per
Figures 33 and 36
Differential Skew
5
10
ns
♦
per
Figures 33 and 36
(|t
phl -tplh|)
Max.Transmission Rate
20
Mbps
♦
Channel to Channel Skew
2
ns
V.11 RECEIVER
DC Parameters
Inputs
Common Mode Range
–7
+7
Volts
♦
Sensitivity
±0.2
Volts
♦
T
A = 0°C to +70°C and VCC = +4.75V to +5.25V unless otherwise noted.
The ♦ denotes the specifications which applies to full temperature
range of -40°C to =+85°C, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX. UNITS
CONDITIONS
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com