Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508 Datasheet(PDF) 28 Page - Sipex Corporation

Part # SP508
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508 Datasheet(HTML) 28 Page - Sipex Corporation

Back Button SP508 Datasheet HTML 22Page - Sipex Corporation SP508 Datasheet HTML 23Page - Sipex Corporation SP508 Datasheet HTML 24Page - Sipex Corporation SP508 Datasheet HTML 25Page - Sipex Corporation SP508 Datasheet HTML 26Page - Sipex Corporation SP508 Datasheet HTML 27Page - Sipex Corporation SP508 Datasheet HTML 28Page - Sipex Corporation SP508 Datasheet HTML 29Page - Sipex Corporation SP508 Datasheet HTML 30Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
DCE CONFIGURATION
28
Recommended Signals and Port Pin Assignments
Pin
Number
Pin Mnemonic
Circuit
Pin Mnemonic
Pin
Number
Signal
Type
Mnemo
nic
DB-25
Pin(F)
Signal
Type
Mnemo
nic
DB-25
Pin(F)
Signal
Type
Mnemo
nic
DB-37
Pin(F)
Signal
Type
Mnemo
nic
M34
Pin(F)
Signal
Type
Mnemo
nic
DB-15
Pin(F)
28
TxD
SD(A)
97
V.28
BB
3
V.11
BB(A)
3
V.11
RD(A)
6
V.35
104
R
V.11
R(A)
4
3
SDEN
SD(B)
100
V.11
BB(B)
16
V.11
RD(B)
24
V.35
104
T
V.11
R(B)
11
29
TxCE
TT(A)
92
V.28
DD
17
V.11
DD(A)
17
V.11
RT(A)
8
V.35
115
V
V.11
B(A)
7**
4
TTEN
TT(B)
95
V.11
DD(B)
9
V.11
RT(B)
26
V.35
115
X
V.11
B(B)
14**
30
ST
ST(A)
87
V.28
DB
15
V.11
DB(A)
15
V.11
ST(A)
5
V.35
114
Y
V.11
S(A)
6
5
STEN
ST(B)
90
V.11
DB(B)
12
V.11
ST(B)
23
V.35
114
AA
V.11
S(B)
13
31
RTS
RS(A)
83
V.28
CB
5
V.11
CB(A)
5
V.11
CS(A)
9
V.28
106
D
V.11
I(A)
5
6
RSEN
RS(B)
85
V.11
CB(B)
13
V.11
CS(B)
27
V.11
I(B)
12
32
DTR
TR(A)
75
V.28
CC
6
V.11
CC(A)
6
V.11
DM(A)
11
V.28
107
E
7
TREN
TR(B)
78
V.11
CC(B)
22
V.11
DM(B)
29
33
DCD_DCE
RRC(A)
81
V.28
CF
8
V.11
CF(A)
8
V.11
RR(A)
13
V.28
109
F
8
RRCEN
RRC(B)
79
V.11
CF(B)
10
V.11
RR(B)
31
34
RL
RL(A)
65
V.28
CE
22
V.28
125
J
9
RLEN
35
LL
LL(A)
63
V.28
TM
25
V.10
TM
25
V.10
TM
18
V.28
142
NN
10
LLEN#
36
RxD
RD(A)
48
V.28
BA
2
V.11
BA(A)
2
V.11
SD(A)
4
V.35
103
P
V.11
T(A)
2
11
RDEN#
RD(B)
47
V.11
BA(B)
12
V.11
SD(B)
22
V.35
103
S
V.11
T(B)
9
37
RxC
RT(A)
50
V.28
DA
24
V.11
DA(A)
24
V.11
TT(A)
17
V.35
113
U
V.11
X(A)
7**
12
RTEN#
RT(B)
49
V.11
DA(B)
11
V.11
TT(B)
35
V.35
113
W
V.11
X(B)
14**
38
TxC
TxC(A)
53
13
TxCEN#
TxC(B)
51
39
CTS
CS(A)
55
V.28
CA
4
V.11
CA(A)
4
V.11
RS(A)
7
V.28
105
C
V.11
C(A)
3
14
CSEN#
CS(B)
54
V.11
CA(B)
19
V.11
RS(B)
25
V.11
C(B)
10
40
DSR
DM(A)
57
V.28
CD
20
V.11
CD(A)
20
V.11
TR(A)
12
V.28
108
H
15
DMEN#
DM(B)
56
V.11
CD(B)
23
V.11
TR(B)
30
41
DCD_DTE
RRT(A)
60
16
RRTEN#
RRT(B)
59
42
RI
IC
61
V.28
RL
21
V.10
RL
21
V.10
RL
14
V.28
140
N
17
ICEN#
43
TM
TM(A)
62
V.28
LL
18
V.10
LL
18
V.10
LL
10
V.28
141
L
18
TMEN
Spare drivers and receivers may be used for optional signals (Signal
Quality, Rate Detect, Standby) or may be disabled using individual
enable pins for each driver and receiver
** X.21 use either B() or
X(), not both
Pin assignments and signal functions are subject to national or regional variation and
proprietary / non-standard implementations
Receiver_7
Receiver_8
RS-449
V.35
X.21
Driver_1
RS-232 or V.24
EIA-530
Receiver_5
Receiver_6
Driver_7
Driver_8
Receiver_2
Receiver_3
Receiver_1
SP508 Multiprotocol Configured as DCE
Interface to System Logic
Interface to Port-
Connector
Receiver_4
Driver_2
Driver_3
Driver_4
Driver_5
Driver_6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com