Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP526 Datasheet HTML 7Page - Sipex Corporation SP526 Datasheet HTML 8Page - Sipex Corporation SP526 Datasheet HTML 9Page - Sipex Corporation SP526 Datasheet HTML 10Page - Sipex Corporation SP526 Datasheet HTML 11Page - Sipex Corporation SP526 Datasheet HTML 12Page - Sipex Corporation SP526 Datasheet HTML 13Page - Sipex Corporation SP526 Datasheet HTML 14Page - Sipex Corporation SP526 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Rev C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
A
B
C
I
xa
±0.25V
A
B
C
I
xb
±0.25V
V
CC = 0V
V
CC = 0V
A
B
C
I
ia
±10V
C
I
ib
±10V
A
B
+3.25mA
–3.25mA
+10V
+3V
–3V
–10V
Maximum Input Current
versus Voltage
V.11 RECEIVER
Figure 17. V.11 Driver Output Power-Off Current
Figure 18. V.11 Receiver Input Current
Figure 19. V.11 Driver Output Rise/Fall Time
Figure 20. V.11 Receiver Input IV Graph
A
B
50Ω
C
50Ω
50Ω
V
E
Oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com