Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 2 Page - Sipex Corporation

  SP526 Datasheet HTML 1Page - Sipex Corporation SP526 Datasheet HTML 2Page - Sipex Corporation SP526 Datasheet HTML 3Page - Sipex Corporation SP526 Datasheet HTML 4Page - Sipex Corporation SP526 Datasheet HTML 5Page - Sipex Corporation SP526 Datasheet HTML 6Page - Sipex Corporation SP526 Datasheet HTML 7Page - Sipex Corporation SP526 Datasheet HTML 8Page - Sipex Corporation SP526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= – 3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
V.28 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±15
Volts
per Figure 1
Loaded Voltage
±5.0
±15
Volts
per Figure 2
Short-Circuit Current
±100
mA
per Figure 4
Power-Off Impedance
300
Ω
per Figure 5
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
1.5
µs
per Figure 6; +3V to -3V
Instantaneous Slew Rate
30
V/µs
per Figure 3
Propagation Delay
t
PHL
0.5
1
5
µs
t
PLH
0.5
1
5
µs
Max.Transmission Rate
120
230
kbps
V.28 RECEIVER
DC Parameters
Inputs
Input Impedance
3
7
kΩ
per Figure 7
Open-Circuit Bias
+2.0
Volts
per Figure 8
HIGH Threshold
1.7
3.0
Volts
LOW Threshold
0.8
1.2
Volts
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
50
100
500
ns
t
PLH
50
100
500
ns
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC............................................................................+7V
Input Voltages:
Logic...............................-0.3V to (V
CC+0.5V)
Drivers............................-0.3V to (V
CC+0.5V)
Receivers........................................±15.5V
Output Voltages:
Logic................................-0.3V to (V
CC+0.5V)
Drivers................................................±15V
Receivers........................-0.3V to (V
CC+0.5V)
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation
(derate 14.3mW/˚C above 70˚C)................1144mW
STORAGE CONSIDERATIONS
Due to the relatively large package size of the 44-pin
quad flat-pack, storage in a low humidity environment
is preferred. Large high density plastic packages are
moisture sensitive and should be stored in Dry Vapor
Barrier Bags. Prior to usage, the parts should remain
bagged and stored below 40°C and 60%RH. If the
parts are removed from the bag, they should be used
within 48 hours or stored in an environment at or below
20%RH. If the above conditions cannot be followed,
the parts should be baked for four hours at 125°C
in order remove moisture prior to soldering. Sipex ships
the 44-pin QFP in Dry Vapor Barrier Bags with
a humidity indicator card and desiccant pack. The
humidity indicator should be below 30%RH.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com