Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP526 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP526 Datasheet HTML 8Page - Sipex Corporation SP526 Datasheet HTML 9Page - Sipex Corporation SP526 Datasheet HTML 10Page - Sipex Corporation SP526 Datasheet HTML 11Page - Sipex Corporation SP526 Datasheet HTML 12Page - Sipex Corporation SP526 Datasheet HTML 13Page - Sipex Corporation SP526 Datasheet HTML 14Page - Sipex Corporation SP526 Datasheet HTML 15Page - Sipex Corporation SP526 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
Figure 22. Driver Timing Test Load Circuit
Figure 23. Receiver Timing Test Load Circuit
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Ou tpu t
S1
S2
Test Point
VCC
Figure 24. Driver Propagation Delays
+3V
0V
DRIVER INPUT
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
1.5V
1.5V
tPLH
tR
tF
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
VO 1/2VO
1/2VO
tPHL
tSKEW = |tDPLH - tDPHL|
tDPHL
tDPLH
Figure 25. V.11 Driver Enable and Disable Times
+3V
0V
DECX or Tx_Enable
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
f= 1MHz; tR < 10ns; tF <10ns
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
Figure 21. Driver/Receiver Timing Test Circuit
CL1
15pF
RO
A
B
A
B
DI
CL2
RL
D
X or TX_Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com