Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3232EBEN
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEN Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3232EBEN Datasheet HTML 10Page - Sipex Corporation SP3232EBEN Datasheet HTML 11Page - Sipex Corporation SP3232EBEN Datasheet HTML 12Page - Sipex Corporation SP3232EBEN Datasheet HTML 13Page - Sipex Corporation SP3232EBEN Datasheet HTML 14Page - Sipex Corporation SP3232EBEN Datasheet HTML 15Page - Sipex Corporation SP3232EBEN Datasheet HTML 16Page - Sipex Corporation SP3232EBEN Datasheet HTML 17Page - Sipex Corporation SP3232EBEN Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
1
Date:02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
14
Figure 20. ESD Test Waveform for IEC1000-4-2
30A
0A
15A
t=30ns
t ➙
t=0ns
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge Direct Contact
Level
Driver Outputs
±
15kV
±
15kV
±
8kV
4
Receiver Inputs
±
15kV
±
15kV
±
8kV
4
Table 3. Transceiver ESD Tolerance Levels
For the Human Body Model, the current
limiting resistor (R
S) and the source capacitor
(C
S) are 1.5k
an 100pF, respectively. For
IEC-1000-4-2, the current limiting resistor (R
S)
and the source capacitor (C
S) are 330
an
150pF, respectively.
The higher C
S value and lower RS value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injectsahighervoltagetothetestpointwhenSW2
is switched on. The lower current limiting resistor
increases the current charge onto the test point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com