Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3232EBEN
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEN Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3232EBEN Datasheet HTML 13Page - Sipex Corporation SP3232EBEN Datasheet HTML 14Page - Sipex Corporation SP3232EBEN Datasheet HTML 15Page - Sipex Corporation SP3232EBEN Datasheet HTML 16Page - Sipex Corporation SP3232EBEN Datasheet HTML 17Page - Sipex Corporation SP3232EBEN Datasheet HTML 18Page - Sipex Corporation SP3232EBEN Datasheet HTML 19Page - Sipex Corporation SP3232EBEN Datasheet HTML 20Page - Sipex Corporation SP3232EBEN Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
1
FRONT VIEW
D1
b2
SIDE VIEW
A
A1
D
L
Base
Plane
b
e
b3
A2
Seating
Plane
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
0.210
-
-
5.33
A1
0.015
-
-
0.3
-
-
A2
0.115
0.130
0.195
2.2
3.30
.5
b
0.014
0.018
0.022
0.3
0.
0.5
b2
0.045
0.060
0.070
1.1
1.52
1.
b3
0.030
0.039
0.045
0.
0.
1.1
c
0.008
0.010
0.014
0.20
0.25
0.3
D1
0.005
-
-
0.00
-
-
E
0.300
0.310
0.325
.2
.
.2
E1
0.240
0.250
0.280
.10
.35
.11
e
eA
eB
-
-
0.430
-
-
10.2
L
0.115
0.130
0.150
2.2
3.30
3.1
D
0.735
0.755
0.775
1.
1.1
1.
0.012 BSC
0.300 BSC
0.100 BSC
0.004 BSC
PDIP JEDEC MS-001
VARIATION BB
N = 1 Pins
SYMBOL
Dimensions in Inches:
Controlling Dimension
Dimensions in Millimeters
Conversion Factor:
1 Inch = 25.0 mm
SIPEX Pkg Signoff Date/Rev:
JL Nov21-05/ Rev A
1
1
2
3
INDEX
AREA
TOP VIEW
E
E1
c
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com