Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232EBEN Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP3232EBEN
Description  CorporationTrue 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EBEN Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP3232EBEN Datasheet HTML 11Page - Sipex Corporation SP3232EBEN Datasheet HTML 12Page - Sipex Corporation SP3232EBEN Datasheet HTML 13Page - Sipex Corporation SP3232EBEN Datasheet HTML 14Page - Sipex Corporation SP3232EBEN Datasheet HTML 15Page - Sipex Corporation SP3232EBEN Datasheet HTML 16Page - Sipex Corporation SP3232EBEN Datasheet HTML 17Page - Sipex Corporation SP3232EBEN Datasheet HTML 18Page - Sipex Corporation SP3232EBEN Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Date:11/02/05
SP3222EB/SP3232EB True +3.0V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
15
Date:02/27/05
SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
14
Figure 20. ESD Test Waveform for IEC1000-4-2
30A
0A
15A
t=30ns
t ➙
t=0ns
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge Direct Contact
Level
Driver Outputs
±
15kV
±
15kV
±
8kV
4
Receiver Inputs
±
15kV
±
15kV
±
8kV
4
Table 3. Transceiver ESD Tolerance Levels
For the Human Body Model, the current
limiting resistor (R
S) and the source capacitor
(C
S) are 1.5k
an 100pF, respectively. For
IEC-1000-4-2, the current limiting resistor (R
S)
and the source capacitor (C
S) are 330
an
150pF, respectively.
The higher C
S value and lower RS value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injectsahighervoltagetothetestpointwhenSW2
is switched on. The lower current limiting resistor
increases the current charge onto the test point.
b
c
WITH LEAD FINISH
BASE METAL
Seating Plane
A2
A
A1
SEE DETAIL “A”
L1
L
Seaing Plane
Ø
2 NX R R1
A
A
DETAIL A
Gauge Plane
Section A-A
D
INDEX AREA
D
2 x 2
E1
N
1
2
E1
E
b
SYMBOL
MIN
NOM
MAX
A
-
-
2
A1
0.05
-
-
A2
1.65
1.75
1.85
b
0.22
-
0.38
c
0.09
-
0.25
D
6.9
7.2
7.5
E
7.4
7.8
8.2
E1
5
5.3
5.6
L
0.55
0.75
0.95
L1
ø
0º
4º
8º
Note: Dimensions in (mm)
20 Pin SSOP JEDEC MO-153 (AE) Variation
1.25 REF
20 PIN SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com