Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4446 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4446 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4446 Datasheet HTML 1Page - Sipex Corporation SP4446 Datasheet HTML 2Page - Sipex Corporation SP4446 Datasheet HTML 3Page - Sipex Corporation SP4446 Datasheet HTML 4Page - Sipex Corporation SP4446 Datasheet HTML 5Page - Sipex Corporation SP4446 Datasheet HTML 6Page - Sipex Corporation SP4446 Datasheet HTML 7Page - Sipex Corporation SP4446 Datasheet HTML 8Page - Sipex Corporation SP4446 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 1/2/06
SP4446 High Output Voltage Boost Regualtor, LCD Bias Regulator
© Copyright 2006 Sipex Corporation
FUNCTIONAL DIAGRAM
+
-
VI
(EXTERNAL)
(EXTERNAL)
R1
R2
C1
SHDN
4
Q1
Q2
R3
R4
R6
R5
X1
Shutdown
Logic
300ns
ONE-SHOT
CLEAR
X2
+
-
SET
DRIVER
52.5mV
0.35
GND
2
1
5
3
L1
SW
C2
D1
VOUT
POWER
TRANSISTOR
DISABLE
VIN
FB
General Overview:
Operation can be best understood by referring to
the above block diagram. Q1 and Q2 along with
R3 and R4 form a band gap reference. The input
to this circuit completes a feedback path from
the high voltage output through a voltage di-
vider, and is used as the regulation control input.
When the voltage at the FB pin is slightly above
1.22V, comparator X1 disables most of the
internal circuitry. Current is then provided by
capacitor C2, which slowly discharges until the
voltage at the FB pin drops below the lower
hysteresis point of X1, about 6mV. X1 then
enables the internal circuitry, turns on chip
power, and the current in the inductor begins to
ramp up. When the current through the driver
transistor reaches about 150mA, comparator X2
clears the latch, which turns off the driver tran-
sistor for a preset 0.3
µs. At the instant of shutoff,
inductor current is diverted to the output through
diode D1. During this 0.3
µs time limit, inductor
current decreases while its energy charges C2.
THEORY OF OPERATION
At the end of the 0.3
µs time period, the driver
transistor is again allowed to turn on which
ramps the current back up to the 150mA level.
Comparator X2 clears the latch, its output turns
off the driver transistor, and this allows delivery
of inductor L1’s stored kinetic energy to C2.
This switching action continues until the output
capacitor voltage is charged to the point where
FB is at band gap (1.22V). When this condition
is reached, X1 turns off the internal circuitry and
the cycle repeats. The SP4446 contains circuitry
to provide protection during startup and while in
short-circuit conditions. When FB pin voltage is
less than approximately 300mV, the switch off
time is increased to about 1.2
µs and the current
limit is reduced to about 70% of its normal
value. While in this mode, the average inductor
current is reduced and helps minimize power
dissipation in the SP4446, the external inductor
and diode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com